Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP4435SS8RG Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # AFP4435SS8RG
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFP4435SS8RG Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  AFP4435SS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
TJ = 25 °C
1.1
1.3
1.5
1.7
1.9
2.1
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.01
0.02
0.03
0.04
0.05
04
8
12
16
20
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =7A
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
Time (s)
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 ms
1s
10 s
DC
Limited byRDS(on)*
BVDSS
Limited
10 ms
1ms
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFP4435SS8RG
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com