Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP4435SS8RG Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # AFP4435SS8RG
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFP4435SS8RG Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  AFP4435SS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AFP4435SS8RG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
10
0
25
50
75
100
125
150
T C - Case Temperature (°C)
Power, Junction-to-Foot
0
1
2
3
4
5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFP4435SS8RG
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com