Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP9435SS8RG Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # AFP9435SS8RG
Description  P-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFP9435SS8RG Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  AFP9435SS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.7
- 2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 70 °C
- 5
On-State Drain Currentb
ID(on)
VDS ≤ - 10 V, VGS = - 10 V
- 20
A
VDS ≤ - 5 V, VGS = - 4.5 V
- 5
Drain-Source On-State Resistanceb
RDS(on)
VGS = - 10 V, ID = - 5.8 A
0.033
0.042
Ω
VGS = - 6 V, ID = - 5 A
0.043
0.055
VGS = - 4.5 V, ID = - 4.4 A
0.056
0.060
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 5.8 A
13
S
Diode Forward Voltageb
VSD
IS = - 2.3 A, VGS = 0 V
- 0.8
- 1.1
V
Dynamica
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 3.5 A
16
24
nC
Gate-Source Charge
Qgs
2.3
Gate-Drain Charge
Qgd
4.5
Gate Resistance
Rg
8.8
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 15 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
14
25
ns
Rise Time
tr
14
25
Turn-Off Delay Time
td(off)
42
70
Fall Time
tf
30
50
Source-Drain Reverse Recovery Time
trr
IF = - 1.2 A, dI/dt = 100 A/µs
30
60
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFP9435SS8RG
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com