Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFP9435SS8RG Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # AFP9435SS8RG
Description  P-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFP9435SS8RG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AFP9435SS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFP9435SS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
0
1234
5
VGS = 10 V thru 6 V
VDS - Drain-to-Source Voltage (V)
3 V
5 V
4 V
0.00
0.03
0.06
0.09
0.12
0.15
04
8
12
16
20
ID - Drain Current (A)
VGS = 6 V
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0.0
3.2
6.4
9.6
12.8
16.0
VDS = 15 V
ID = 3.5 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
30
0
1234
5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
0
220
440
660
880
1100
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 5.7 A
TJ - Junction Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFP9435SS8RG
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com