Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AW Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM358AW
Description  Low Power Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AW Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM358AW Datasheet HTML 3Page - STMicroelectronics LM358AW Datasheet HTML 4Page - STMicroelectronics LM358AW Datasheet HTML 5Page - STMicroelectronics LM358AW Datasheet HTML 6Page - STMicroelectronics LM358AW Datasheet HTML 7Page - STMicroelectronics LM358AW Datasheet HTML 8Page - STMicroelectronics LM358AW Datasheet HTML 9Page - STMicroelectronics LM358AW Datasheet HTML 10Page - STMicroelectronics LM358AW Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM358W-LM358AW
Electrical Characteristics
7/16
Figure 2.
Open loop frequency response
Figure 3.
Large signal frequency response
Figure 4.
Voltage follower pulse response
Figure 5.
Voltage follower pulse response
Figure 6.
Input current
Figure 7.
Output characteristics
OPEN LOOP FREQUENCY RESPONSE (NOTE 3)
1.0
10
100
1k
10k 100k
1M 10M
VCC = +10 to + 15V &
FREQUENCY (Hz)
10M W
VI
VCC/2
VCC = 30V &
0.1mF
VCC
VO
-
+
-55°C Tamb +125°C
140
120
100
80
60
40
20
0
-55°C Tamb +125°C
LARGE SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k W
1k W
100k W
+15V
VO
-
+
VI
20
15
10
5
0
VOLAGE FOLLOWER PULSE RESPONSE
010
20
30
40
TIME (ms)
RL 2 kW
VCC = +15V
4
3
2
1
0
3
2
1
VOLTAGE FOLLOWER PULSSE RESPONSE
(SMALL SIGNAL)
0
1
2
3
4
5
6
7
8
Input
Tamb = +25°C
VCC = 30 V
Output
eO
el
50pF
+
-
TIME (ms)
500
450
400
350
300
250
INPUT CURRENT (Note 1)
-55 -35 -15
5
25
45 65
85 105 125
VI = 0 V
VCC = +30 V
VCC = +15 V
VCC = +5 V
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
OUTPUT CHARACTERISTICS
OUTPUT SINK CURRENT (mA)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb = +25°C
vcc/2
vcc
+
10
1
0.1
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com