Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AW Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM358AW
Description  Low Power Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AW Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM358AW Datasheet HTML 4Page - STMicroelectronics LM358AW Datasheet HTML 5Page - STMicroelectronics LM358AW Datasheet HTML 6Page - STMicroelectronics LM358AW Datasheet HTML 7Page - STMicroelectronics LM358AW Datasheet HTML 8Page - STMicroelectronics LM358AW Datasheet HTML 9Page - STMicroelectronics LM358AW Datasheet HTML 10Page - STMicroelectronics LM358AW Datasheet HTML 11Page - STMicroelectronics LM358AW Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical Characteristics
LM358W-LM358AW
8/16
Figure 8.
Output characteristics
Figure 9.
Current limiting
Figure 10. Input voltage range
Figure 11. Positive supply voltage
Figure 12. Input voltage range
Figure 13. Supply current
OUTPUT CHARACTERISTICS
0,01
0,1
1
10
100
0,001
Independent of VCC
Tamb = +25°C
+
-
VCC
VO
IO
VCC /2
OUTPUT SOURCE CURRENT (mA)
8
7
6
5
4
3
2
1
CURRENT LIMITING (Note 1)
-
+
IO
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
-55 -35 -15
5
25
45 65
85 105 125
INPUT VOLTAGE RANGE
0
5
10
15
POWER SUPPLY VOLTAGE (±V)
Négative
Positive
15
10
5
0
10
20
30
40
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R = 20k W
L
R = 2k W
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R = 20k W
L
R = 2k W
SUPPLY CURRENT
010
20
30
Tamb = -55°C
VCC
mA
ID
-
+
Tamb = 0°C to +125°C
POSITIVE SUPPLY VOLTAGE (V)
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com