Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5321 Datasheet(PDF) 4 Page - Silicon Microstructures, Inc.

Part # SM5321
Description  Gauge & Differential Pressure Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM5321 Datasheet(HTML) 4 Page - Silicon Microstructures, Inc.

  SM5321 Datasheet HTML 1Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 2Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 3Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 4Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 5Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 6Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 7Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 8Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 9Page - Silicon Microstructures, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Silicon Microstructures, Inc. 2001-2017. All rights reserved
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS5960.05
SM5221, SM5321 & SM5421 Series
www.si-micro.com
SM5221, SM5321 & SM5421 – I2C Communications
1. SCL Clock frequency:
•
100kHz to 400kHz
2. Slave Address
•
The factory setting for the I2C slave address is 28HEX. The
part will only respond to the set address.
3. Read Operations
•
For read operations, the I2C master command starts with
the 7-bit slave address with the 8th bit = 1 (READ). The
sensor as the slave sends an acknowledge (ACK) indicating
success.
•
The sensor has four I2C read commands: Read_DF2,
Read_DF3, and Read_DF4. The following figures show the
structure of the measurement packet for three of the four
I2C read commands, which are further explained below.
3.1 I2C Read_DF (Data Fetch):
•
For the Data Fetch commands, the number of data bytes
returned by the sensor is determined by when the master
sends the NACK and stop condition.
•
For the Read_DF3 data fetch command (Data Fetch 3
Bytes), the sensor returns three bytes in response to the
master sending the slave address and the READ bit (1): two
bytes of bridge data with the two status bits as the MSBs
and then 1 byte of temperature data (8-bit accuracy). After
receiving the required number of data bytes, the master
sends the NACK and stop condition to terminate the read
operation.
•
For the Read_DF4 command, the master delays sending the
NACK and continues reading an additional final byte to
acquire the full corrected 11-bit temperature measurement.
In this case, the last 5 bits of the final byte of the packet are
undetermined and should be masked off in the application.
•
The Read_DF2 command is used if corrected temperature is
not required. The master terminates the READ operation
after the two bytes of bridge data.
Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com