Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP135N10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP135N10
Description  N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP135N10 Datasheet(HTML) 6 Page - STMicroelectronics

  STP135N10 Datasheet HTML 1Page - STMicroelectronics STP135N10 Datasheet HTML 2Page - STMicroelectronics STP135N10 Datasheet HTML 3Page - STMicroelectronics STP135N10 Datasheet HTML 4Page - STMicroelectronics STP135N10 Datasheet HTML 5Page - STMicroelectronics STP135N10 Datasheet HTML 6Page - STMicroelectronics STP135N10 Datasheet HTML 7Page - STMicroelectronics STP135N10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STB135N10 STP135N10
6/8
DIM.
mm.
inch.
MIN.
TYP.
MAX.
MIN.
TYP.
TYP.
A
4.4
4.6
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.40
0.645
L3
28.90
1.137
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.260
L9
3.50
3.93
0.137
0.154
DIA
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8