Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 5 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LT8331
5
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
(in CCM)
Switching Waveforms
(in DCM/Light Burst Mode)
Switching Waveforms
(in Deep Burst Mode)
Burst Frequency vs Load Current
VIN Pin Current (Sleep Mode, Not
Switching) vs Temperature
VIN Pin Current (Active Mode, Not
Switching) vs Temperature
VIN Pin Current (Active Mode, Not
Switching) vs Temperature
VIN = 12V
VSYNC/MODE = 0V
VBIAS = 0V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
8331 G10
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
600
650
700
750
800
850
900
950
1000
8331 G11
VIN = 12V
VSYNC/MODE = 0V
VBIAS = 0V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
5
10
15
20
25
30
8331 G12
VIN = 12V
VSYNC/MODE = 0V
VBIAS = 5V
VOUT Transient Response: Load
Current Transients from 82.5mA
to 165mA to 82.5mA
VOUT Transient Response: Load
Current Transients from 5mA to
165mA to 5mA
2µs/DIV
VSW
50V/DIV
IL1+IL2
200mA/DIV
8331 G13
FRONT PAGE APPLICATION
VIN = 48V, VOUT = 48V, ILOAD = 165mA
2µs/DIV
VSW
50V/DIV
IL1+IL2
200mA/DIV
8331 G14
FRONT PAGE APPLICATION
VIN = 48V, VOUT = 48V, ILOAD = 15mA
5µs/DIV
VSW
50V/DIV
IL1+IL2
200mA/DIV
8331 G15
FRONT PAGE APPLICATION
VIN = 48V, VOUT = 48V, ILOAD = 3mA
FRONT PAGE APPLICATION
VIN = 48V, VOUT = 48V
LOAD CURRENT (mA)
0
20
40
60
80
100
0
150
300
450
600
8331 G16
FRONT PAGE APPLICATION
VIN = 48V, VOUT = 48V
200µs/DIV
VOUT
500mV/DIV
ILOAD
100mA/DIV
8331 G17
FRONT PAGE APPLICATION
VIN = 48V, VOUT = 48V
500µs/DIV
VOUT
1V/DIV
ILOAD
100mA/DIV
8331 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com