Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LT8331
7
Rev. C
For more information www.analog.com
BLOCK DIAGRAM
8331 BD
VC
A7
•
–
+
–
+
A6
–
+
–
+
A2
–
+
C1
L2
R4
OPT
VBIAS + 0.4V(+)
VBIAS – 1.6V(–)
4.4V(+)
4.0V(–)
3.2V REGULATOR
SW1
OSCILLATOR
A6
ERROR AMP
SELECT
FREQUENCY
FOLDBACK
INTVCC
UVLO
SWITCH
LOGIC
BURST
DETECT
SLOPE
DRIVER
M1
INTVCC
TJ > 170°C
1.74V(+)
1.6V(–)
INTERNAL
REFERENCE
UVLO
CIN
SW2
BIAS
R3
OPT
VIN
COUT
CVCC
D1
L1
VOUT
UVLO
RT
SYNC/MODE
OVER-
CURRENT
A7
OVERCURRENT
–
+
A1
PGND/GND
ERROR
AMP
ERROR
AMP
SLOPE
1.6V
FBX
VOUT
R2
R1
–0.8V
MAX
ILIMIT
1.9×
MAX
ILIMIT
RSENSE
PWM
COMPARATOR
Q1
R5
A3
A5
ISS
2 A
M2
SS
CSS
EN/UVLO
VIN
UVLO
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com