Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2808 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2808
Description  2.9/5.8 GHz WDCET/ISM SINGLE-CHIP TRANSCEIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2808 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2808 Datasheet HTML 1Page - ATMEL Corporation ATR2808 Datasheet HTML 2Page - ATMEL Corporation ATR2808 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 4693DS–DECT–08/04
Features
• Fully Integrated TX/RX with 2.9 GHz TX VCO for 5.8 GHz Applications Using a
Frequency Doubler
• Supply Voltage Range 3.4 V to 4.6 V
• TX Preamplifier with 0 dBm Output Power at 2.9 GHz
• Ramp-signal Generator for Power Ramping and Power Control of External SiGe Power
Amplifier
• Fast Settling Synthesizer (1.728 MHz Channel Spacing at 5.8 GHz)
• Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz)
Benefits
• Extended Battery Operating Time
• Low Current Consumption
• Very Small 7
× 7 mm Package
• Few Low Cost External Components
• No Mechanical Tuning Required
Electrostatic sensitive device.
Observe precautions for handling.
Description
The ATR2808 is an RF IC for low-power applications in the 5.8 GHz ISM band. The
QFN 48-packaged IC is a complete transceiver including image rejection mixer, IF
amplifier, FM demodulator, baseband filter, RSSI, TX preamplifier, power-ramping
generator for power amplifiers, integrated synthesizer, fully integrated VCO and gaus-
sian data filter for TX.
Figure 1. Block Diagram
TANK
PC
RC
GF
CP
VCO
f
: n
f
: n
CTRL
LOGIC
PD
TX / RX
SWITCH
IR MIXER
IF AMP 1
IF AMP 2
DEMOD
BB FILTER
3-WIRE
BUS
DEMOD DAC
RSSI
TX DRIVER
CLOCK
DATA
ENABLE
RX_ON
TX_ON
PU_RX/TX
PU_PLL
TX_DATA
RSSI
BB_OUT
CF
DEMOD
IF_TANK
IF_IN
MIXER
OUT
RF_IN
TX_OUT
VS_VCO
CP
LD
REF_CLK
VTUNE
VREG
VS_REG
REG_CTRL
VREG_VCO
VCO
REG
RAMP
GEN
RAMP_OUT
RAMP_SET
AUX
REG
OLE
PU_REG
GND_VCO
D/A
I_CPSW
RAMP
D/A
2.9/5.8 GHz
WDCET/ISM
Single-chip
Transceiver
ATR2808
Summary
Preliminary
Note: This is a summary document. A complete document
is available under NDA. For more information, please con-
tact your local Atmel sales office.


Similar Part No. - ATR2808

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2808 ATMEL-ATR2808 Datasheet
241Kb / 3P
2.9/5.8 GHz WDCET/ISM Single-chip Transceiver
ATR2808-PLQ ATMEL-ATR2808-PLQ Datasheet
241Kb / 3P
2.9/5.8 GHz WDCET/ISM Single-chip Transceiver
ATR2808 ATMEL-ATR2808_06 Datasheet
241Kb / 3P
2.9/5.8 GHz WDCET/ISM Single-chip Transceiver
More results

Similar Description - ATR2808

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
June 1997
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
ATMEL Corporation
ATR2808 ATMEL-ATR2808_06 Datasheet
241Kb / 3P
2.9/5.8 GHz WDCET/ISM Single-chip Transceiver
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
ATR7039 ATMEL-ATR7039 Datasheet
219Kb / 8P
2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
ATR2820 ATMEL-ATR2820_08 Datasheet
157Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
Low-IF 2.4-GHz ISM Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com