Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC7541 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPC7541
Description  DLPC7541 High Resolution Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC7541 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC7541 Datasheet HTML 1Page - Texas Instruments DLPC7541 Datasheet HTML 2Page - Texas Instruments DLPC7541 Datasheet HTML 3Page - Texas Instruments DLPC7541 Datasheet HTML 4Page - Texas Instruments DLPC7541 Datasheet HTML 5Page - Texas Instruments DLPC7541 Datasheet HTML 6Page - Texas Instruments DLPC7541 Datasheet HTML 7Page - Texas Instruments DLPC7541 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.8 V
VBIAS
VRESET
LS_Interface
DMD DCLKA
VOFFSET
DMD Power Enable
HSSI Macro A Data Pair
8
DLPC7541
Display
Controller
3.3 V
DMD DCLKB
HSSI Macro B Data Pair
8
Power
Management
TPS65145
VREG
DLP471TE
HSSI DMD
DMD VDD Enable
VREG
TMP411
2
Temp
I
2C
12 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLPC7541
DLPS141 – DECEMBER 2019
DLPC7541 High Resolution Controller
1
1 Features
1
•
DLPC7541 controller supports up to 4K ultra high
definition resolution using DLP471TE digital
micromirror device (DMD)
–
Up to 4K UHD at 60 Hz
–
Up to 240 Hz at 1080p
–
Up to 120 Hz (3D) at 1080p
•
Single, 8-lane V-by-one video input port
–
Pixel clock support up to 610 MHz (3.4 Gbps)
•
Two OpenLDI (FPD-Link I) video input ports with
6-lanes (5 data) per port
•
Single 30-bit parallel input pixel port
–
Pixel clock support up to 165MHz
•
Input formats supported:
–
RGB, YCbCr, ICtCp
–
4:4:4, 4:2:2, 4:2:0
•
Custom DMD high-speed serial interface (HSSI)
up to 3.2 Gbps
•
Internal ARM™ Cortex R4F microprocessor
–
88 configurable GPIOs
–
Programmable timers and PWM generators
–
USB 2.0 high-speed OTG controller
–
SPI and I2C master/slave, UART controllers
•
Warping engine
–
1D, 2D and 3D keystone correction
–
Parametric surface correction
–
Improved linear and anamorphic scaling
•
Additional image processing
–
DynamicBlack
–
BrilliantColor™
–
Frame rate conversion
–
Color coordinate adjustment
–
HDR10 (PQ and HLG) support
•
On-screen display (OSD)
•
Integrated 2G-bit frame memory eliminates need
for external high-speed memory
•
External memory support
–
Parallel flash for µP and PWM sequences
•
System control
–
DMD power and reset driver control
–
DMD horizontal and vertical image flip
•
JTAG boundary scan test support
•
Supports lamp, laser-phosphor, RGB-laser and
LED based illumination
2 Applications
•
Enterprise projector
•
Laser TV
•
Mobile smart TV
•
Digital signage
•
Pachislot machine
3 Description
The DLPC7541 is a digital display controller for the
DLP 4K UHD display chipset. The DLPC7541 display
controller, together with the DLP471TE DMD and
DLPA100 Power and Motor driver comprise the
chipset. This solution is targeted at display systems
that require high resolution and high brightness in a
small form factor. To ensure reliable operation, the
DLPC7541 display controller must always be used
with the DLP471TE DMD and the DLPA100 power
management integrated circuit in each application.
Device Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC7541ZDC
P-HBGA (676)
31.00 mm × 31.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) with embedded heat slug
Typical Standalone System


Similar Part No. - DLPC7541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC7541 TI1-DLPC7541 Datasheet
114Kb / 8P
DLPC7541 High Resolution Controller
DLPC7541ZDC TI1-DLPC7541ZDC Datasheet
114Kb / 8P
DLPC7541 High Resolution Controller
DLPC7541ZDC TI1-DLPC7541ZDC Datasheet
117Kb / 8P
DLPC7541 High Resolution Controller
More results

Similar Description - DLPC7541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
HIGH-RESOLUTION DISPLAY CONTROLLER
SGX-1920L ETC2-SGX-1920L Datasheet
1Mb / 3P
High Resolution LCD Controller Board
logo
ON Semiconductor
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
High Resolution Buck Controller
December, 2017 ??Rev. 1
logo
Texas Instruments
DLPC7540 TI1-DLPC7540 Datasheet
114Kb / 8P
DLPC7541 High Resolution Controller
DLPC7540 TI1-DLPC7540_V01 Datasheet
117Kb / 8P
DLPC7541 High Resolution Controller
DLPC6540 TI1-DLPC6540 Datasheet
153Kb / 8P
DLPC6540 High Resolution Controller
logo
Cirrus Logic
CL-GD6420 CIRRUS-CL-GD6420 Datasheet
784Kb / 146P
High-Resolution LCD VGA Controller for Notebook Computers
July 1993
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
High-Resolution Controller
August 2014 v1.2
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
SVX-2560 DIGITALVIEW-SVX-2560 Datasheet
849Kb / 2P
2.5K High-Resolution Controller
April 2015 v2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com