Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8523 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8523
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8523 Datasheet HTML 13Page - NXP Semiconductors PCF8523 Datasheet HTML 14Page - NXP Semiconductors PCF8523 Datasheet HTML 15Page - NXP Semiconductors PCF8523 Datasheet HTML 16Page - NXP Semiconductors PCF8523 Datasheet HTML 17Page - NXP Semiconductors PCF8523 Datasheet HTML 18Page - NXP Semiconductors PCF8523 Datasheet HTML 19Page - NXP Semiconductors PCF8523 Datasheet HTML 20Page - NXP Semiconductors PCF8523 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
17 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2.3.2
Correction when MODE = 1
The correction is triggered once every four minutes and then correction pulses are applied
once per second up to a maximum of 60 pulses. When correction values greater than 60
pulses are used, additional correction pulses are made in the 59th second.
Clock correction is made more frequently in MODE = 1; however, this can result in higher
power consumption.
[1]
The correction pulses on pin INT are 1⁄1024 s wide. For multiple pulses, they are repeated at an interval of
1⁄512 s.
In MODE = 1, any timer source clock using a frequency below 1.024 kHz is also affected
by the clock correction (see Table 17).
Table 16.
Correction pulses for MODE = 1
Correction value
Update every nth
minute
Second
Correction pulses on
INT per second[1]
+1 or
12
00
1
+2 or
2
2
00 and 01
1
+3 or
3
2
00, 01, and 02
1
::::
+59 or
59
2
00 to 58
1
+60 or
60
2
00 to 59
1
+61 or
61
2
00 to 58
1
259
2
+62 or
62
2
00 to 58
1
259
3
+63 or
63
2
00 to 58
1
259
4
64
2
00 to 58
1
259
5
Table 17.
Effect of correction pulses on frequencies for MODE = 1
Frequency (Hz)
Effect of correction
CLKOUT
32768
no effect
16384
no effect
8192
no effect
4096
no effect
2048
no effect
1024
no effect
1affected
Timer source clock
4096
no effect
64
affected
1affected
1⁄60
affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com