Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8523 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8523
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8523 Datasheet HTML 46Page - NXP Semiconductors PCF8523 Datasheet HTML 47Page - NXP Semiconductors PCF8523 Datasheet HTML 48Page - NXP Semiconductors PCF8523 Datasheet HTML 49Page - NXP Semiconductors PCF8523 Datasheet HTML 50Page - NXP Semiconductors PCF8523 Datasheet HTML 51Page - NXP Semiconductors PCF8523 Datasheet HTML 52Page - NXP Semiconductors PCF8523 Datasheet HTML 53Page - NXP Semiconductors PCF8523 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
21. Appendix
21.1 Real-Time Clock selection
Table 45.
Selection of Real-Time Clocks
Type name
Alarm, Timer,
Watchdog
Interrupt
output
Interface
IDD,
typical (nA)
Battery
backup
Timestamp,
tamper input
AEC-Q100
compliant
Special features
Packages
PCF85063TP
-
1
I2C
220
-
-
-
basic functions only, no
alarm
HXSON8
PCF85063A
X
1
I2C
220
-
-
-
tiny package
SO8, DFN2626-10,
TSSOP8
PCF85063B
X
1
SPI
220
-
-
-
tiny package
DFN2626-10
PCF85263A
X
2
I2C
230
X
X
-
time stamp, battery
backup, stopwatch 1⁄100 s
SO8, TSSOP10,
TSSOP8,
DFN2626-10
PCF85263B
X
2
SPI
230
X
X
-
time stamp, battery
backup, stopwatch 1⁄100s
TSSOP10,
DFN2626-10
PCF85363A
X
2
I2C
230
X
X
-
time stamp, battery
backup, stopwatch 1⁄100s,
64 Byte RAM
TSSOP10, TSSOP8,
DFN2626-10
PCF85363B
X
2
SPI
230
X
X
-
time stamp, battery
backup, stopwatch 1⁄100s,
64 Byte RAM
TSSOP10,
DFN2626-10
PCF2123
X
1
SPI
100
-
-
-
lowest power 100 nA in
operation
TSSOP14, HVQFN16
PCF8523
X
2
I2C
150
X
-
-
lowest power 150 nA in
operation, FM+ 1 MHz
SO8, HVSON8,
TSSOP14, WLCSP
PCF8563
X
1
I2C
250
-
-
-
-
SO8, TSSOP8,
HVSON10
PCA8565
X
1
I2C
600
-
-
grade 1
high robustness,
Tamb40 C to 125 C
TSSOP8, HVSON10
PCA8565A
X
1
I2C
600
-
-
-
integrated oscillator caps,
Tamb40 C to 125 C
WLCSP
PCF8564A
X
1
I2C
250
-
-
-
integrated oscillator caps
WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com