Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HCT240ADW Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74HCT240ADW
Description  OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT240ADW Datasheet(HTML) 3 Page - Integral Corp.

  IN74HCT240ADW Datasheet HTML 1Page - Integral Corp. IN74HCT240ADW Datasheet HTML 2Page - Integral Corp. IN74HCT240ADW Datasheet HTML 3Page - Integral Corp. IN74HCT240ADW Datasheet HTML 4Page - Integral Corp. IN74HCT240ADW Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74HCT240A
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum
High-
Level
Input
Voltage
VOUT=0.1
V
IOUT≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level
Input
Voltage
VOUT=
VCC-0.1
V
IOUT ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum
High-
Level
Output
Voltage
VIN=
VIL
IOUT ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN=VIL
IOUT ≤ 6.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum
Low-
Level
Output
Voltage
VIN=VIH
IOUT ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=
VIH
IOUT ≤ 6.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum
Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
IOZ
Maximum
three
State
Leakage
Current
Output
in
High-
Impedance
State
VIN
=
VIL
or
VIH
VOUT=VCC or GND
5.5
±0.5
±5.0
±10.0
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC
or
GND
IOUT=0µA
5.5
4.0
40
160
µA
∆ICC
Additional
Quiescent Supply
Current
VIN = 2.4 V, Any One
Input
VIN=VCC or GND, Other
Inputs
≥
-55
°C
25
°C to 125°C
mA
IOUT=0µA
5.5
2.9
2.4
NOTE: Total Supply Current = ICC + ∑∆ICC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com