Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74HCT240ADW Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74HCT240ADW
Description  OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT240ADW Datasheet(HTML) 1 Page - Integral Corp.

  IN74HCT240ADW Datasheet HTML 1Page - Integral Corp. IN74HCT240ADW Datasheet HTML 2Page - Integral Corp. IN74HCT240ADW Datasheet HTML 3Page - Integral Corp. IN74HCT240ADW Datasheet HTML 4Page - Integral Corp. IN74HCT240ADW Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74HCT240A
1
OCTAL 3-STATE INVERTING BUFFER/LINE
DRIVER/LINE RECEIVER
High-Performance Silicon-Gate CMOS
The IN74HCT240A is identical in pinout to the LS/ALS240.
The IN74HCT240A
may be used as a level converter for
interfacing TTL or NMOS outputs to High Speed CMOS inputs.
This octal inverting buffer/line driver/line receiver is designed
to be used with 3-state memory address drivers, clock drivers,
and other bus-oriented systems. The device has inverting
outputs and two active-low output enables.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
IN74HCT240AN Plastic
IN74HCT240ADW SOIC
TA = -55° to 125° C for all
packages
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A,B
YA,YB
L
L
H
L
H
L
H
X
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - IN74HCT240ADW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT240ADW IKSEMICON-IN74HCT240ADW Datasheet
219Kb / 6P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HCT240ADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
logo
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC240AF ONSEMI-MC74HC240AF Datasheet
152Kb / 9P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com