Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072BCDR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL072BCDR
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072BCDR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL072BCDR Datasheet HTML 15Page - Texas Instruments TL072BCDR Datasheet HTML 16Page - Texas Instruments TL072BCDR Datasheet HTML 17Page - Texas Instruments TL072BCDR Datasheet HTML 18Page - Texas Instruments TL072BCDR Datasheet HTML 19Page - Texas Instruments TL072BCDR Datasheet HTML 20Page - Texas Instruments TL072BCDR Datasheet HTML 21Page - Texas Instruments TL072BCDR Datasheet HTML 22Page - Texas Instruments TL072BCDR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
6.20 Electrical Characteristics: TL071BC, TL072BC, TL074BC
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1) (2)
MIN
TYP
MAX UNIT
VIO
Input offset voltage
VO = 0
RS = 50 Ω
TA = 25°C
2
3
mV
TA = Full range
5
α
Temperature coefficient of
input offset voltage
VO = 0
RS = 50 Ω
TA = Full range
18
µV/°C
IIO
Input offset current
VO = 0
TA = 25°C
5
100
pA
TA = Full range
2
nA
IIB
Input bias current (3)
VO = 0
TA = 25°C
65
200
pA
TA = Full range
7
nA
VICR
Common-mode input
voltage range
TA = 25°C
±11
–12 to 15
V
VOM
Maximum peak output
voltage swing
RL= 10 kΩ
TA = 25°C
±12
±13.5
V
RL≥ 10 kΩ
TA = Full range
±12
RL≥ 2 kΩ
±10
AVD
Large-signal differential
voltage amplification
VO = ±10 V
RL ≥ 2 kΩ
TA = 25°C
50
200
V/mV
TA = Full range
25
B1
Utility-gain bandwidth
TA = 25°C
3
MHz
rI
Input resistance
TA = 25°C
1012
Ω
CMRR
Common-mode rejection
ratio
VIC = VICR(min)
VO = 0
RS = 50 Ω
TA = 25°C
75
100
dB
kSVR
Supply-voltage rejection
ratio (ΔVCC±/ΔVIO)
VCC = ±9 V to ±15 V
VO = 0
RS = 50 Ω
TA = 25°C
80
100
dB
ICC
Supply current (each
amplifier)
VO = 0; no load
TA = 25°C
1.4
2.5
mA
VO1 / VO2 Crosstalk attenuation
AVD = 100
TA = 25°C
120
dB
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified.
(2)
Full range is TA = 0°C to 70°C.
(3)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 6-40. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as
possible.
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com