Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072BCDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL072BCDR
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072BCDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL072BCDR Datasheet HTML 19Page - Texas Instruments TL072BCDR Datasheet HTML 20Page - Texas Instruments TL072BCDR Datasheet HTML 21Page - Texas Instruments TL072BCDR Datasheet HTML 22Page - Texas Instruments TL072BCDR Datasheet HTML 23Page - Texas Instruments TL072BCDR Datasheet HTML 24Page - Texas Instruments TL072BCDR Datasheet HTML 25Page - Texas Instruments TL072BCDR Datasheet HTML 26Page - Texas Instruments TL072BCDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
6.24 Electrical Characteristics: TL074M
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1) (2)
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0
RS = 50 Ω
TA = 25°C
3
9
mV
TA = Full range
15
αVIO
Temperature coefficient of
input offset voltage
VO = 0, RS = 50 Ω
TA = Full range
18
μV/°C
IIO
Input offset current
VO = 0
TA = 25°C
5
100
pA
TA = Full range
20
nA
IIB
Input bias current
VO = 0
TA = 25°C
65
200
pA
TA = Full range
20
nA
VICR
Common-mode input
voltage range
TA = 25°C
±11
–12 to 15
V
VOM
Maximum peak output
voltage swing
RL = 10 kΩ
TA = 25°C
±12
±13.5
V
RL ≥ 10 kΩ
TA = Full range
±12
RL ≥ 2 kΩ
±10
AVD
Large-signal differential
voltage amplification
VO = ±10 V
RL ≥ 2 kΩ
TA = 25°C
35
200
V/mV
TA = Full range
15
B1
Unity-gain bandwidth
3
MHz
ri
Input resistance
1012
Ω
CMRR
Common-mode rejection
ratio
VIC = VICR(min)
VO = 0
RS = 50 Ω
TA = 25°C
80
86
dB
kSVR
Supply-voltage rejection
ratio (ΔVCC±/ΔVIO)
VCC = ±9 V to ±15 V
VO = 0
RS = 50 Ω
TA = 25°C
80
86
dB
ICC
Supply current
(each amplifier)
VO = 0; no load
TA = 25°C
1.4
2.5
mA
VO1 / VO2
Crosstalk attenuation
AVD = 100
TA = 25°C
120
dB
(1)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 6-40. Pulse techniques that maintain the junction temperature as close to the ambient temperature as possible must
be used .
(2)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is
TA = –55°C to +125°C.
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com