Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC3307A
7
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
UV, OV PGOOD Thresholds
Efficiency, VIN = 2.5V
Burst Mode Operation
Efficiency vs fSW,
3.3VIN to 1.2VOUT, ILOAD = 1.5A
Efficiency, VIN = 3.3V
Burst Mode Operation
Efficiency vs VIN, VOUT = 1.2V,
fSW = 2MHz, Burst Mode Operation
Efficiency, VIN = 5.0V
Burst Mode Operation
Efficiency vs Load, 3.3V to 1.2V,
fSW = 2MHz
VOUT Load Regulation in
VOUT = 1.2V Application
VOUT Line Regulation in
VOUT = 1.2V Application
fSW = 2MHz, Murata DFE201612E–R47M
BURST
FC
PULSE SKIP
ILOAD (A)
0.001
0.01
0.1
1
3
0
10
20
30
40
50
60
70
80
90
100
fSW = 2MHz
Efficiency vs Load, 3.3V to 1.2V,
3307A G27
fSW = 2MHz Murata DFE201210S–R47M
VOUT = 1V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
ILOAD (A)
0.001
0.01
0.1
1
3
50
55
60
65
70
75
80
85
90
95
100
Burst Mode Operation
Efficiency, VIN = 5V
3307A G24
ILOAD = 0A
ILOAD = 3A
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
Vout = 1.2V Application
Vout Line Regulation in
3307A G21
fSW = 2MHz Murata DFE201612E–R47M
0.01A (BURSTING)
3A (CONTINUOUS)
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
75
77
79
81
83
85
87
89
91
93
95
Burst Mode Operation
Efficiency vs VIN, VOUT = 1.2V
3307A G26
fSW = 2MHz Murata DFE201210S–R47M
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
3
50
55
60
65
70
75
80
85
90
95
100
Burst Mode Operation
Efficiency, VIN = 3.3V
3307A G23
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
ILOAD (A)
0
0.5
1
1.5
2
2.5
3
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
VOUT = 1.2V Application
VOUT Load Regulation in
3307 G20
Murata DFE201612E SERIES
330nH
470nH
680nH
SWITCHING FREQUENCY (MHz)
1
1.4
1.8
2.2
2.6
3.0
88
89
90
91
92
93
3.3Vin to 1.2Vout, Iload = 1.5A
Efficiency vs Fsw
3307A G25
fSW = 2MHz Murata DFE201210S–R47M
VOUT = 0.5V
VOUT = 0.75V
VOUT = 1V
VOUT = 1.2V
VOUT = 1.8V
ILOAD (A)
0.001
0.01
0.1
1
3
50
55
60
65
70
75
80
85
90
95
100
Burst Mode Operation
Efficiency, VIN = 2.5V
3307A G22
UV, VOUT RISING
UV, VOUT FALLING
OV, VOUT RISING
OV, VOUT FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
96
98
100
102
104
106
108
110
112
UV, OV PGOOD Thresholds
3307A G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com