Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 3 Page - Analog Devices

  LTC3370 Datasheet HTML 1Page - Analog Devices LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC3307A
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Operating Supply Voltage (VIN)
l
2.25
5.5
V
VIN Undervoltage Lockout
VIN Undervoltage Lockout Hysteresis
VIN Rising
l
2.0
2.1
150
2.2
V
mV
VIN Quiescent Current in Shutdown
VEN = 0.1V
1
2
µA
VIN Quiescent Current (Note 3)
Burst Mode Operation, Sleeping
All Modes, Not Sleeping
40
1.2
60
2
µA
mA
Enable Threshold
Enable Threshold Hysteresis
VEN Rising
l
0.375
0.4
50
0.425
V
mV
EN Pin Leakage
VEN =0.5V
±20
nA
Voltage Regulation
Regulated Feedback Voltage (VFB)
l
0.495
0.5
0.505
V
Feedback Voltage Line Regulation
VIN = 2.25V to 5.5V
0.015
0.05
%/V
FB Pin Input Current
VFB = 0.5V
±20
nA
Minimum On Time (tON,min)
VIN = 5.5V
l
22
42
ns
Maximum Duty Cycle
l
100
%
Top Switch ON-Resistance
31
mΩ
Bottom Switch ON-Resistance
8
mΩ
Top Switch Current Limit (IPEAKMAX)
VOUT/VIN ≤ 0.2
4.5
4.8
5.1
A
Bottom Switch Current Limit (IVALLEYMAX)
3.9
A
Bottom Switch Reverse Current Limit (IREVMAX)
Forced Continuous Mode
–0.75
–1.5
–2.25
A
SW Leakage Current
VEN = 0.1V
±100
nA
Power Good and Soft-Start
PGOOD Rising Threshold
PGOOD Hysteresis
As a Percentage of the Regulated VOUT
l
l
97
0.7
98
1.2
99
1.7
%
%
Overvoltage Rising Threshold
Overvoltage Hysteresis
As a Percentage of the Regulated VOUT
l
l
107
1
110
2.2
114
3.5
%
%
PGOOD Delay
120
µs
PGOOD Pull Down Resistance
VPGOOD = 0.1V
10
20
Ω
PGOOD Leakage Current
VPGOOD = 5.5V
20
nA
Soft-Start Duration
VOUT rising from 0V to PGOOD Threshold
l
0.25
1
3
ms
Oscillator and MODE/SYNC
Default Oscillator Frequency
l
1.9
2
2.1
MHz
Oscillator Frequency with RT = 34.8kΩ
l
1.9
2
2.1
MHz
Frequency Range
RT Programming and Synchronization
l
1
3
MHz
Minimum SYNC High or Low Pulse Width
l
40
ns
SYNC Pulse Voltage Levels
Level High
Level Low
l
l
1.2
0.4
V
V
MODE/SYNC No Clock Detect Time
10
µs
MODE/SYNC Pin Threshold
For Programming Pulse Skip Mode
For Programming Forced Continuous Mode
For Programming Burst Mode Operation
l
l
l
1.0
VIN – 0.1
Float
0.1
VIN – 1.0
V
V
V
The l denotes the specifications which apply over the specified operating
junction temperature range (Note 2), otherwise specifications are at TA = 25°C; VIN = 3.3V, VEN = VIN, MODE/SYNC = Float, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com