Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM12S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM12S
Description  12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM12S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM12S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM12S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM12S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V15
2
Specifications
CFM12S Series De-rating Curve
INPUT SPECIFICATIONS:
Derating curve:
0
25
50
75
100
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Ambient Temperature(
o C)
Voltage …...…….…........………………………….........……… 90~264Vac
120~370Vdc
Frequency ……………………………………….……………..... 47 to 63Hz
Inrush Current ……..………..…. 50A max. @240Vac, Cold Start @25℃
Leakage Current ………………………………….. 0.25mA max. @ 264Vac
Input Current ………………………………………………………. 0.4A max.
OUTPUT SPECIFICATIONS:
Holdup Time …………………………………………… 10ms typ. @115Vac
Short Circuit Protection ………………………Hiccup Mode (Auto Recovery)
Temperature Coefficient .…………………..........................… ±0.05% / ℃
Over Voltage Protection ………………. ........Hiccup Mode(Auto Recovery)
Startup time ……………..…………….…………………………..……<3.0s
GENERAL SPECIFICATIONS:
Isolation Voltage(Input to Output) …………...……..……………. 3000VAC:
SAFETY AND EMISSION:
Operating Temperature.............. -40℃~75℃ (Derating from 50℃ to 75℃)
Emission and Immunity…….…. EN55032 Class B, EN55024, EN61204-3
Storage Temperature …………..……………………....……. -40℃~85℃
EN61000-3-2, -3, EN61000-6-1, 2, 3, 4
Cooling …………………………………….……….…….. Natural Convection
47 CFR FCC Part 15 Subpart B (Class B)
Humidity .................................................... 93% RH max. Non condensing
Safety ……………..……… Class II, IEC/EN/UL 62368-1, IEC/UL 60950-1
Switching Frequency ……………………………….………….. 65KHz Typical
NOTE:
MTBF ……….…. MIL-HDBK-217F, GB, 25℃/115VAC …..… 870Khrs max.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Altitude ….…………………..……………………………………………. 5000m
ripple&noise measuring @20MHz BW.
Dimensions …………... 1.500x1.000x0.756 Inches (38.10x25.40x19.20mm)
2. Voltage accuracy is set of 100% rated load.
-E: 1.600x1.1x0.772 Inches (40.64x27.94x19.60 mm)
3. Line regulation is measured from high line to low line with full load.
-T: 2.150x1.000x0.689 Inches (54.61x25.40x17.50 mm)
4. Load regulation is measured from 10% to 100% full load.
Weight ………………………………………………. 16g, (-E): 40g, (-T): 17g
5. Typical efficiency at 230Vc and full load at 25℃
6. T Version wafer with JST B3B-XH/B4B-XH and mate with JST housing
XH series or equivalent.
Mechanical Specification
BOTTOM VIEW
Φ0.039[1.00]
1.300[33.02]
0.150[3.81]
1.600[40.64]
Φ0.039[1.00]
1.500[38.10]
1
2
3
4
Φ0.071[1.80]
1.300[33.02]
-Vout
+Vout
PIN CONNECTION
1
2
3
4
Function
ACL
ACN
Pin
CFM12SXXX
CFM12SXXX-E
4
2
3
1
0.100[2.54]
0.100[2.54]
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches[mm]
Millimeters:X.XX±0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com