Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM12S Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM12S
Description  12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM12S Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM12S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM12S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM12S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V15
3
Mechanical Specification
CFM12SXXX-T
0.123[3.13]
1.900[48.26]
2.150[54.61]
4-Φ0.138[Φ3.50]
1
2
6
5
4
3
0.127[3.22]
PIN CONNECTION
Pin
Function
1
ACN
2
ACL
3
-Vout
4
-Vout
5
+Vout
6
+Vout
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com