Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL024N Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # LL024N
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

LL024N Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  LL024N Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd LL024N Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd LL024N Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd LL024N Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd LL024N Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd LL024N Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.01
0.02
0.03
0.04
0.05
0.06
0.06
0
8
16
24
32
40
VGS = 4.5 V
ID - Drain Current (A)
VGS = 10 V
0
2
4
6
8
10
04
8
12
16
20
ID = 6.0 V
VDS = 30 V
Qg - Total Gate Charge (nC)
2.0
2.5
1
10
50
0.00
0.5
1.0
1.5
TJ = 25 °C
TJ = 175 °C
VSD - Source-to-Drain Voltage (V)
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
200
400
600
800
1000
1200
1400
0
102030
405060
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
175
VGS = 10 V
ID = 6.0 A
TJ - Junction Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
02
4
6
8
10
ID = 6.0 A
VGS - Gate-to-Source Voltage (V)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
LL024N
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com