Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL40 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # LDL40
Description  40 WATT SINGLE OUTPUT LED POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDL40 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  LDL40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDL40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
LDL40
40 WATT SINGLE OUTPUT
LED POWER SUPPLY
Features
* Universal AC Input 90~264Vac
* Low AC Inrush Current < 5A
* Standby Power Consumption < 0.5W
* PF > 0.9
* DALI Dimming, 1~100%
* Adjustable Output Current Setting
* Continuous Short Circuit Protection
* Up to 2.5Φ Diameter Wire for Terminals of CN1(L/N)
* Up to 1.5Φ Diameter Wire for Other Terminals
Ordering Information ( P/N name reference as label example below):
Series
Model
Dimming Function
AC Input Range
Type
LDL
40
X
X
X
LDL
40
D : DALI + Current Setting
U:90~264Vac
Blank : Standard type
B : Built-in type
MODEL
Input
Voltage
Range
Max.
Output
Current
( CC region )
Min Output
Voltage
Max Output
Voltage
Max. Output
Power
Resistance for
Imax Setting
No
Load
Output
Voltage
( max.)
Ripple
%
( * V out )
Eff.typ.
1400mA max.
15V
29V
40.6W max
3.3K
40Vdc
1050mA max
20V
38V
39.9W max
10K
49Vdc
900mA max
20V
44V
39.6W max
22K
55Vdc
700mA max
20V
50V
35.0W max
39K
600mA max
20V
50V
30.0W max
68K
LDL40DU
90 ~264 Vac
350mA max
20V
50V
17.5W max
150K~OPEN
60Vdc
1 %
86%


Similar Part No. - LDL40

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LDL44250WU31X SCHNEIDER-LDL44250WU31X Datasheet
59Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3, 250A, 4 poles, 480 V, 18 kA, 80% rated, mission critical
Sep 25, 2020
LDL44250WU33X SCHNEIDER-LDL44250WU33X Datasheet
59Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3S, 250A, 4 poles, 480 V, 18 kA, 80% rated, mission critical
Sep 25, 2020
LDL44250WU33X SCHNEIDER-LDL44250WU33X_V01 Datasheet
262Kb / 4P
Circuit breaker, PowerPacT L, 250A, 4 pole, 480VAC, 18kA, lugs, Micrologic 3.3S, 80%, mission critical
Aug 31, 2023
LDL44400WU31X SCHNEIDER-LDL44400WU31X Datasheet
59Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3, 400A, 4 poles, 480 V, 18 kA, 80% rated, mission critical
Sep 25, 2020
LDL44400WU33X SCHNEIDER-LDL44400WU33X Datasheet
59Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3S, 400A, 4 poles, 480 V, 18 kA, 80% rated, mission critical
Sep 25, 2020
More results

Similar Description - LDL40

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
40 Watt Single Output
logo
Wall Industries,Inc.
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
40 Watt Single Output AC/DC Desktop Power Supply
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
150 Watt Single Output Power Supply
LCB100D ARTESYN-LCB100D Datasheet
483Kb / 3P
100 Watt Single Output Power Supply
LCB50D ARTESYN-LCB50D Datasheet
479Kb / 3P
50 Watt Single Output Power Supply
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP15 CINCON-LDP15 Datasheet
478Kb / 2P
15 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP25 CINCON-LDP25 Datasheet
219Kb / 3P
25 WATT OUTPUT LED POWER SUPPLY
LDP40 CINCON-LDP40 Datasheet
274Kb / 3P
40 WATT OUTPUT LED POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com