Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL40 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDL40
Description  40 WATT SINGLE OUTPUT LED POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDL40 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDL40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDL40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
Specifications
LDL40 Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage ………………......…............................................ 90~264Vac
Frequency ………………………………………….……………..... 50/60 Hz
AC Inrush Current ……….... <5A After 100μS @240Vac, 25℃ Ta Cold Start
Standby Power Consumption ……..………………………………..…… <0.5W
Leakage Current ………………………………………….……………. <0.75mA
OUTPUT SPECIFICATIONS:
Constant Current Accuracy (note1) ….…………...….……..…..…… ±5% max.
Current Line Regulation (note2) ………….…………………..…….. ±5% max.
Current Load Regulation (note3) ……………………………..…..…. ±5% max
Over Voltage Protection …………..…………………………...…….TVS Clamp
Short Circuit Protection ……………………..….. Hiccup Mode, Auto Recovery
DALI Dimming (Option with Current Setting Resistor Between Pin3 and Pin4 of CN3) …………. 1~100%
GENERAL SPECIFICATIONS:
Efficiency …………………...…… LDL40DU:86%@230Vac Full Load.
Isolation Voltage, Input to Output ………….…..……………………. 3.75KVac
Isolation Resistance, Input to Output ………..………………..…..…10
8 Ω min.
Surge Voltage Between L-N ………………..………………………………. 2KV
SAFETY AND EMC:
Safety ………………………………………………. EN61347-1,EN61347-2-13
EMI …………………………………………..……………….. EN55015 Class B
EMS ………………………………………..…....... EN61000-4-2, 3, 4, 5, 6, 8,11
Harmonic Current …………………………………..…...…..… EN61000-3-2, 3
MECHANICAL CHARACTERISTICS:
ENVIRONMENTAL CHARACTERISTICS:
Dimensions …..………….. 5.906x3.150x0.913 Inches (150.0x80.0x23.2mm)
Operating Ambient Temperature …...... -30℃~ 50℃ (See Derating Curve)
Weight …………………………………….…………………………………. 220g
Cooling…………………………………………………….Natural Convection
NOTE:
Storage Temperature, Humidity ……….…......... -40 ~ 85℃, 20%~95% RH
1. Set at 230Vac nominal input voltage and full load.
Operating Altitude max. .……………………….. 3000 m Above Sea Level
2. Current line regulation is measured from high line to low line, full load.
Temperature Coefficient ……………………………… ±0.05%/℃( 0~50℃)
3. Current load regulation is measured from min. output voltage to max.
output voltage.
4. All specifications are typical at 230 Vac, Vo max., full load and 25˚C Ta.
unless other noted
Mechanical Specification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com