Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP15 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # LDP15
Description  15 WATT SINGLE OUTPUT LED POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP15 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  LDP15 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP15 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
LDP15 SERIES
15 WATT SINGLE OUTPUT
LED POWER SUPPLY
Features
* Universal AC Input Range 90~264Vac
* Suitable for LED Lighting Applications
* Output Constant Current Control
* DALI Dimming 5~100% (Optional)
* Continuous Short Circuit Protection
MODEL
Input
Voltage
Range
Rated
Output
Voltage
Range
( CC region )
Rated
Output
Current
( max.)
( CC region )
No Load
Output
Voltage
( max.)
Rated
Output
Power
( max.)
Ripple and
Noise
( V p-p max.)
%Eff.
typ.
Note1
LDP15S420-C035
90-264 Vac
18-42 Vdc
350 mA
48 Vdc
14.7 W
0.42V
LDP15S290-C050
90-264 Vac
18-29 Vdc
500 mA
48 Vdc
14.5 W
0.42V
LDP15S210-C070
90-264 Vac
8-21 Vdc
700 mA
26 Vdc
14.7 W
0.21V
84%
Note:
1. Efficiency is measured at AC Input Voltage 230 Vac, Output 29V/500mA
2. The control gear can be connected to every type of lamp, but the total rated wattage of lamps shall not exceed the above rated output wattage.
Ordering Information (P/N name reference as label example below):
Series
Output Code
Single Code
Rated Output
Voltage ( max.)
Dimming
Function
Rated Output
Current ( max.)
Option
LDP
15
a
B
c
d e f
420 : 42 V
035: 350 mA
290 : 29V
050: 500 mA
LDP
15
S:Single O/P
210 : 21V
C:No dim
D:DALI dim
070: 700 mA
Blank:No PSE logo
(PSE):PSE logo
All specifications are Typical at AC Input Voltage 230 Vac, full load and 25˚C unless otherwise noted


Similar Part No. - LDP15

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP15A ANOVA-LDP15A Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP15A LUGUANG-LDP15A Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
LDP15CA ANOVA-LDP15CA Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP15CA LUGUANG-LDP15CA Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTSPU16 WALL-DTSPU16 Datasheet
175Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
150 Watt Single Output Power Supply
LCB50D ARTESYN-LCB50D Datasheet
479Kb / 3P
50 Watt Single Output Power Supply
logo
Recom International Pow...
RAC15-K RECOM-RAC15-K Datasheet
1Mb / 5P
15 Watt Single Output
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL40 CINCON-LDL40 Datasheet
373Kb / 2P
40 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP25 CINCON-LDP25 Datasheet
219Kb / 3P
25 WATT OUTPUT LED POWER SUPPLY
LDP40 CINCON-LDP40 Datasheet
274Kb / 3P
40 WATT OUTPUT LED POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com