Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP15 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDP15
Description  15 WATT SINGLE OUTPUT LED POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP15 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDP15 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP15 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
Specifications
LDP15 Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …....………...............…..................................... 90~264Vac
Frequency ………………………………………….……….……..... 47 to 63Hz
Inrush Current ……………….......... 40A max @240Vac, 25℃ Ta Cold Start
Leakage Current ………………….….………….….………….. <0.5 mA max.
Standby Power Consumption …………………...…………………. 0.5W max.
OUTPUT SPECIFICATIONS:
Voltage Accuracy .………………….……………………………..…… ±5% max.
Constant Current Accuracy (note1) …….………….…….…………… ±5% max.
Current Line Regulation (note2) ……..…………………….…………. ±5% max.
Current Load Regulation (note3) …………………..………….……. ±5% max.
Over Voltage Protection …….……………..…………………...…… TVS Clamp
Short Circuit Protection ………..…..……..….. Hiccup Mode, Auto Recovery
DALI Dimming ……………………….……………….………………… 5~100%
GENERAL SPECIFICATIONS:
Efficiency …………………………………………………………….... 84% typ.
Isolation Voltage, Input to Output ………….………………….…… 3.00KVac.
Isolation Resistance, Input to Output …………..…………………... 10
8 Ω min.
Surge Voltage Between L-N ……….……………………………………… 2KV
SAFETY AND EMC:
Safety …………..……………………………......... EN61347-1, EN61347-2-13
EMI ……………………..………………..…..…… EN55032/EN55015 Class B
EMS ……………………………………….…..…..... EN61000-4-2, 3, 4, 5, 6, 11
Harmonic Current ………………………………….….. EN61000-3-2, 3 Class A
MECHANICAL CHARACTERISTICS:
ENVIRONMENTAL CHARACTERISTICS:
Dimensions ..…….…..….... 3.780x1.574x0.984 Inches (96.0x40.0x25.0mm)
Operating Ambient Temperature …..... -25℃ ~ 70℃,50℃~70℃@-3%/℃
Weight………………………………………………….…………………….. 100g
Cooling …………………………………………………. Natural Convection
NOTE:
Storage Temperature, Humidity …….…......... -40 ~ 85℃, 20%~95% RH
1. Current accuracy is set at nominal input voltage and full load.
Operating Altitude Max. …..…………………………. Sea Level to 3000m
2. Current line regulation is measured from high line to low line with full load.
Temperature Coefficient ……………………………… ±0.03%/℃(0~50℃)
3. Current load regulation is measured from 75% to 100% output rated voltage max.
4. All specifications are typical at 230 Vac, Vo max, full load and 25℃ Ta
unless other noted.
Mechanical Specification
All specifications are Typical at AC Input Voltage 230 Vac, full load and 25˚C unless otherwise noted



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com