Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5715R Datasheet(PDF) 5 Page - ams AG

Part # AS5715R
Description  Communication Mode (I2C)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5715R Datasheet(HTML) 5 Page - ams AG

  AS5715R Datasheet HTML 1Page - ams AG AS5715R Datasheet HTML 2Page - ams AG AS5715R Datasheet HTML 3Page - ams AG AS5715R Datasheet HTML 4Page - ams AG AS5715R Datasheet HTML 5Page - ams AG AS5715R Datasheet HTML 6Page - ams AG AS5715R Datasheet HTML 7Page - ams AG AS5715R Datasheet HTML 8Page - ams AG AS5715R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Feedback
Communication Interface
I²C Communication
Application Note
• PUBLIC
AN000710
• v1-00 • 2020-Jul-21
12
│ 5
2.1.1
rma Pulses
Following pulses must be executed on SDA and SCL during the “time window” for changing the device
into Communication mode.
16 pulses (16x rising edge) on SCL
2 pulses (2x rising edge) on SDA
Figure 3 :
Unlock Command
The pulses on SDA and SCL are independent of each other!
The pulses on SDA and SCL must be applied with a maximum frequency of 1MHz.
2.2
Deactivate Communication Interface
For changing into functional mode, the pass2funct command has to be executed.
The pass2funct command writes the value of 0x53 (01010011 bin) in the register PASS2FUNCT with
address 0xf1.
Almost after the acknowledge + 65 µs, the sensor is already in functional mode.
rma procedure
time window (1ms)
SDA
SCL
Rma-pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com