Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2460 Datasheet(PDF) 19 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 19 Page - Emerson Network Power

Back Button 2460 Datasheet HTML 15Page - Emerson Network Power 2460 Datasheet HTML 16Page - Emerson Network Power 2460 Datasheet HTML 17Page - Emerson Network Power 2460 Datasheet HTML 18Page - Emerson Network Power 2460 Datasheet HTML 19Page - Emerson Network Power 2460 Datasheet HTML 20Page - Emerson Network Power 2460 Datasheet HTML 21Page - Emerson Network Power 2460 Datasheet HTML 22Page - Emerson Network Power 2460 Datasheet HTML 23Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Environmental specifications
Temperature limits
Ambient temperature
-40 to 70 °C (-40 to 158 °F)
Storage temperature
-40 to 80 °C (-40 to 176 °F)
Humidity limits
0-100% relative humidity
Ingress protection
IP 65
Additional specifications
Metrology sealing possibility
Yes
Write protection
Yes, via software configuration and/or hardware switch.
May 2020
Rosemount 2460
Emerson.com/Rosemount
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com