Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2460 Datasheet(PDF) 20 Page - Emerson Network Power

Part # 2460
Description  Rosemount??2460 System Hub for tank gauging systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

2460 Datasheet(HTML) 20 Page - Emerson Network Power

Back Button 2460 Datasheet HTML 16Page - Emerson Network Power 2460 Datasheet HTML 17Page - Emerson Network Power 2460 Datasheet HTML 18Page - Emerson Network Power 2460 Datasheet HTML 19Page - Emerson Network Power 2460 Datasheet HTML 20Page - Emerson Network Power 2460 Datasheet HTML 21Page - Emerson Network Power 2460 Datasheet HTML 22Page - Emerson Network Power 2460 Datasheet HTML 23Page - Emerson Network Power 2460 Datasheet HTML 24Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Product certifications
Rev 3.1
European directive information
The most recent revision of the EU Declaration of Conformity can be found at Emerson.com/Rosemount.
Ordinary location certification
As standard, the Rosemount 2460 System Hub has been examined and tested to determine that the design meets the basic
electrical, mechanical, and fire protection requirements by a nationally recognized test laboratory (NRTL) as accredited by the
Federal Occupational Safety and Health Administration (OSHA).
Certificate
2735155
Standards
CAN/CSA-C22.2 No. 61010-1-12; UL Std. No. 61010-1 (3rd Edition);
Markings
Rated 24-48 V dc, 100-250 V ac, 20 W, 50/60 Hz; Ambient rated -40 to +70 °C
Electromagnetic compatibility compliance
FCC
This device complies with Part 15 of the FCC Rules.
Standards
FCC 47 CFR Part 15B, 15.107 Conducted emission class A, 15.109 Radiated Emission class A
Custody transfer certifications
OIML custody transfer
Certificate
R85-2008-SE-11.01
Rosemount 2460
May 2020
20
Emerson.com/Rosemount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com