Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

810D Datasheet(PDF) 5 Page - Motorola, Inc

Part # 810D
Description  Conventional MDC Mobile Radio Versatility & Sophistication on the Move
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

810D Datasheet(HTML) 5 Page - Motorola, Inc

  810D Datasheet HTML 1Page - Motorola, Inc 810D Datasheet HTML 2Page - Motorola, Inc 810D Datasheet HTML 3Page - Motorola, Inc 810D Datasheet HTML 4Page - Motorola, Inc 810D Datasheet HTML 5Page - Motorola, Inc 810D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GENERAL SPECIFICATION
Low Band (GM338 only)
VHF
UHF
*Frequency Range
29.7-36MHz
136-174MHz
403-470MHz
36-42MHz
450-527MHz (1-25W)
42-50MHz
450-520MHz (25-40W)
Frequency Stability (-30 C to 60 C,25c Ref,)
5ppm
± 2.5pm
± 2ppm
Channel Capacity
GM338: 128 Channels
GM398: 160 Channels
Power Output
40 - 60 W
1 - 25W
1 - 25W
25 - 45W (GM338 only)
25 - 40W (GM338 only)
Power Supply
13.2Vdc (10.8 - 15.6 Vdc) Negative Vehicle ground
Channel Spacing
12.5/20/30kHz
12.5/20/25 kHz
Dimensions (L x W x H)
GM338: (add 9mm for volume knob)
255mm x 185mm x 72mm
186mm x 179mm x 59mm
GM398: (add 7mm for volume knob)
188mm x 185mm x 72mm
Weight
2040gms (4.5lbs)
1400gms (3.15 lbs)
Operating Temperature
-30°C to +60°C
Sealing
Passes rain testing to IP54
Shock and Vibration
Meets MIL-STD 810-c,D&E and TIA/EIA 603
Dust
Meets MIL-STD 810-C,D&E and TIA/EIA 603
Humidity
Meets MIL-STD 810-C,D&E and TIA/EIA 603
Transmitter
Low Band (GM338 only)
VHF
UHF
Modulation Limiting
± 12.5 @ 12.5kHz
± 2.5kHz @12.5kHz
± 5.0 @ 20/30kHz
± 4.0kHz @20kHz
± 5.0kHz @25kHz
FM Hum & Noise
- 40dB @ 12.5kHz
- 40dB @ 12.5kHz
- 45dB @ 20/30kHz
- 45dB @ 20/25kHz
Conducted/Radiated Emissions
- 26dB < 1 GHz
- 36dBm < 1 GHz
- 30dBm < 1 GHz
Adjacent Channel Power
- 60dB < 12.5kHz
- 60dBm @ 12.5kHz
- 70dB < 20/30kHz
- 70dBm @ 20/25kHz
Audio Response (300 to 3000Hz)
+ 1, - 3dB
Audio Distortion @ 1000Hz, 1000Hz,
60% Rated Max. Deviation
3%
Receiver
Low Band (GM338 only)
VHF
UHF
Sensitivity (12dBSINAD
0.25uV Typical
0.22uV
Intermodulation (EIA)
78dB Typical
78dB @ 25kHz
75dB @ 25kHz
78dB @ 20kHz
75dB @ 20kHz
75dB @ 12.5kHz
75dB @ 12.5kHz
Adjacent Channel Selectivity
65dB @ 12.5kHz
80dB @ 25kHz
75dB @ 25kHz
80dB @ 20/30kHz
70dB @ 20kHz
70dB @ 20kHz
65dB @ 12.5kHz
65dB @ 12.5kHz
Spirious Rejection
70dB @ 12.5kHz
80dB @ 20/25kHz
75dB @ 20/25kHz
80dB @ 20/30kHz
75dB @ 12.5kHz
70dB @ 12.5kHz
Rated Audio
3W Internal
7.5W & 13W External
Audio Distortion @ rated audio
3% Typical
Hum & Noise
- 40dB @ 12.5kHz
- 40dB @ 12.5kHz
- 45dB @ 20/30kHz
- 45dB @ 20/25kHz
Audio Response (300 to 3000Hz)
+ 1, 3dB
Conducted Spurious Emission
- 57dBm > 1 GHz
per FCC part 15
- 47dBm > 1 GHz
* Availability subject to country law and regulations. Radios meet applicable regulatory requirements.
All specifications shown are subject to change without notice. Specifications are not representative of all radios and may vary in different radios.
GM338 & GM398 Specifications*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com