| Electronic Components Datasheet Search |
|
810D Datasheet(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
810D Datasheet(HTML) 2 Page - Motorola, Inc |
|
2 / 6 page ![]() GM338 & GM398 Common Key Features & Benefits Advanced Signalling Capability GM338 & GM398 support a comprehensive range of signalling schemes such as MDC1200, Private Line & Digital Private Line, Quick Call II and DTMF. Excellent Audio Technology Motorola’s special voice compression and low level expansion technology ensure crisper, clearer and stronger audio quality, allowing you to communicate even in a noisy working environment. Programmable Channel Spacing (12.5/20/25 kHz) Both radios allow programmable channel spacing of 12.5/20/25kHz, offering flexibility and easy migration of channel spacing and protecting your investment should your country’s regulatory channel spacing requirement change. Large Control Buttons The intuitive driven menu together with the large control buttons on the front panel of the radio provide users easy navigation of menu and exit functions. Dual Priority Scan Both GM338 & GM398 support up to 16 scan lists and the scan function can be assigned to any of the function buttons. The dual priority scan feature allows frequent scanning of priority channels. Remote Mount Control Head The remote mount control head can be mounted on the dash board without the radio chasis, ideal when space is a constraint. Status Call/Messaging Up to 16 pre-defined text messages can be assigned to enable users to send frequently used messages and statuses quickly, without the need to talk. Covert Emergency Signalling Allows users to discreetly send help signals to a pre-defined person or group of users, providing added peace of mind. In a rapidly changing market, you need a communication solution that enables you to respond immediately to your customer requests and maximise productivity. With Motorola GM338 and GM398 conventional mobile, you can now enjoy instant and reliable communication to keep your mobile team working efficiently. Whether you are a courier service personnel where information on direction is critical, or a foreman at a construction site needing emergency backup at an accident scene, or a transportation company that wants to improve its fleet management, both the GM338 & GM398 mobile radios are solutions that let you stay in touch and in control. The GM338 & GM398 InsTanT & RelIaBle CoMMunICaTIon To Keep YouR MoBIle TeaM WoRKInG eFFICIenTlY |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |