Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4355
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 2 Page - Analog Devices

  LTC4355 Datasheet HTML 1Page - Analog Devices LTC4355 Datasheet HTML 2Page - Analog Devices LTC4355 Datasheet HTML 3Page - Analog Devices LTC4355 Datasheet HTML 4Page - Analog Devices LTC4355 Datasheet HTML 5Page - Analog Devices LTC4355 Datasheet HTML 6Page - Analog Devices LTC4355 Datasheet HTML 7Page - Analog Devices LTC4355 Datasheet HTML 8Page - Analog Devices LTC4355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC4368
2
Rev. B
For more information www.analog.com
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4368CDD-1#PBF
LTC4368CDD-1#TRPBF
LGTH
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4368CDD-2#PBF
LTC4368CDD-2#TRPBF
LGTK
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4368IDD-1#PBF
LTC4368IDD-1#TRPBF
LGTH
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4368IDD-2#PBF
LTC4368IDD-2#TRPBF
LGTK
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4368HDD-1#PBF
LTC4368HDD-1#TRPBF
LGTH
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC4368HDD-2#PBF
LTC4368HDD-2#TRPBF
LGTK
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC4368CMS-1#PBF
LTC4368CMS-1#TRPBF
LTGTG
10-Lead Plastic MSOP
0°C to 70°C
LTC4368CMS-2#PBF
LTC4368CMS-2#TRPBF
LTGTJ
10-Lead Plastic MSOP
0°C to 70°C
LTC4368IMS-1#PBF
LTC4368IMS-1#TRPBF
LTGTG
10-Lead Plastic MSOP
–40°C to 85°C
LTC4368IMS-2#PBF
LTC4368IMS-2#TRPBF
LTGTJ
10-Lead Plastic MSOP
–40°C to 85°C
LTC4368HMS-1#PBF
LTC4368HMS-1#TRPBF
LTGTG
10-Lead Plastic MSOP
–40°C to 125°C
LTC4368HMS-2#PBF
LTC4368HMS-2#TRPBF
LTGTJ
10-Lead Plastic MSOP
–40°C to 125°C
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VIN ........................................................ –40V to 100V
Input Voltages
UV, SHDN (Note 3) ........................…….–0.3V to 80V
OV (Note 3)............................................ –0.3V to 20V
RETRY (Note 3) ....................................... –0.3V to 5V
VOUT, SENSE............................................–10V to 80V
VOUT to SENSE.........................................–10V to 10V
VIN to VOUT ........................................... –60V to 100V
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
GATE
SENSE
VOUT
FAULT
SHDN
VIN
UV
OV
RETRY
GND
EXPOSED PAD (PIN 11) PCB GROUND CONNECTION OPTIONAL
TJMAX = 150°C, θJA = 43°C/W
1
2
3
4
5
VIN
UV
OV
RETRY
GND
10
9
8
7
6
GATE
SENSE
VOUT
FAULT
SHDN
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 160°C/W
ORDER INFORMATION
Output Voltages
FAULT (Note 3)....................................... –0.3V to 80V
GATE.............................................. –40V to VIN + 14V
Input Currents
RETRY, UV, OV ,SHDN, FAULT ...........................–1mA
Operating Ambient Temperature Range
LTC4368C............................................... 0°C to 70°C
LTC4368I............................................ –40°C to 85°C
LTC4368H........................................ . –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C
(Note 1, Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com