Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4355 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4355
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4355 Datasheet(HTML) 3 Page - Analog Devices

  LTC4355 Datasheet HTML 1Page - Analog Devices LTC4355 Datasheet HTML 2Page - Analog Devices LTC4355 Datasheet HTML 3Page - Analog Devices LTC4355 Datasheet HTML 4Page - Analog Devices LTC4355 Datasheet HTML 5Page - Analog Devices LTC4355 Datasheet HTML 6Page - Analog Devices LTC4355 Datasheet HTML 7Page - Analog Devices LTC4355 Datasheet HTML 8Page - Analog Devices LTC4355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC4368
3
Rev. B
For more information www.analog.com
ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN, VOUT, SENSE
VIN
Input Voltage: Operating Range
Protection Range
l
l
2.5
–40
60
100
V
V
VIN(UVLO)
Input Supply Undervoltage Lockout
VIN Rising
l
1.8
2.2
2.4
V
IVIN
Input Supply Current: On
Off
SHDN = 2.5V, SENSE = VOUT = VIN
SHDN = 0V, SENSE = VOUT = VIN
l
l
30
5
100
25
µA
µA
IVIN(R)
Reverse Input Supply Current
VIN = –40V, SENSE = VOUT = 0V
l
–1.5
–2.5
mA
VOUT(UVLO) VOUT Undervoltage Lockout
VOUT Rising, VOUT – SENSE = 100mV, VIN = 12V
l
1.8
2.2
2.4
V
tVOUT(UVLO) VOUT Undervoltage Lockout Delay
VIN = 12V, VOUT:0V→12V, VOUT – SENSE = 100mV
l
40
120
280
µs
IVOUT
VOUT Input Current: On
Off
Reverse
SHDN = 2.5V, SENSE = VOUT = VIN
SHDN = 0V, SENSE = VOUT = VIN
VIN = –40V, SENSE = VOUT = 0V
l
l
l
50
3
20
125
20
50
µA
µA
µA
Current Sense
ISENSE
SENSE Input Current: On
Off
Reverse
SHDN = 2.5V, SENSE = VOUT = VIN
SHDN = 0V, SENSE = VOUT = VIN
VIN = –40V, SENSE = VOUT = 0V
l
l
l
1.2
0.1
1
2
2
10
µA
µA
µA
ΔVSENSE,F Overcurrent Fault Threshold, Forward
(SENSE – VOUT)
VOUT = VIN
VIN = 12V, VOUT = 0.5V
VIN = 12V, VOUT = 0V
l
l
l
40
40
30
50
50
50
60
60
70
mV
mV
mV
ΔVSENSE,R Overcurrent Fault Threshold, Reverse
(SENSE – VOUT)
LTC4368-1 VOUT = VIN
LTC4368-2 VOUT = VIN
l
l
–42
–1
–50
–3
–58
–5
mV
mV
ΔVRR
Reverse Overcurrent Re-Enable
Turn-On Threshold (VIN – VOUT)
VIN = SENSE = 6V to 60V
VIN = SENSE = 2.5V to <6V
l
l
75
20
100
50
125
125
mV
mV
GATE
ΔVGATE
Gate Drive (GATE – VOUT)
VIN = 2.5V, IGATE = 0µA, –1µA
VIN = 5V, IGATE = 0µA, –1µA
VIN = 12V to 60V, IGATE = 0µA, –1µA
l
l
l
3
7.2
10
4
8.7
11
5.5
10.8
13.1
V
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V to 60V, unless otherwise noted (Note 2). UV = 2.5V, OV = 0V,
SHDN = 2.5V, SENSE = VOUT = VIN unless otherwise specified.
AUTOMOTIVE PRODUCTS**
LTC4368IMS-1#WPBF
LTC4368IMS-1#WTRPBF
LTGTG
10-Lead Plastic MSOP
–40°C to 85°C
LTC4368IMS-2#WPBF
LTC4368IMS-2#WTRPBF
LTGTJ
10-Lead Plastic MSOP
–40°C to 85°C
LTC4368HMS-1#WPBF
LTC4368HMS-1#WTRPBF
LTGTG
10-Lead Plastic MSOP
–40°C to 125°C
LTC4368HMS-2#WPBF
LTC4368HMS-2#WTRPBF
LTGTJ
10-Lead Plastic MSOP
–40°C to 125°C
*Temperature grades are identified by a label on the shipping container. Consult ADI Marketing for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com