Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C23 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46C23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset
¾¾
2.7
3
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
A/D Conversion Error
¾¾
¾
±0.5
±1
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1
mA
5V
¾
1.5
3
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
(TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
tIIC
I
2C Bus Clock Period
¾
Connect to external
pull-high resistor 2k
W
64
¾¾
*tSYS
Note: *tSYS=1/fSYS
HT46R23/HT46C23
Rev. 1.60
5
May 3, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com