Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C23 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT46C23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C23 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT46C23 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46C23 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
RLC [m]
Rotate data memory left through carry
Description
The contents of the specified data memory and the carry flag are rotated 1 bit left. Bit 7 re-
places the carry bit; the original carry flag is rotated into the bit 0 position.
Operation
[m].(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
[m].0
¬ C
C
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾
Ö
RLCA [m]
Rotate left through carry and place result in the accumulator
Description
Data in the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the
carry bit and the original carry flag is rotated into bit 0 position. The rotated result is stored
in the accumulator but the contents of the data memory remain unchanged.
Operation
ACC.(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
ACC.0
¬ C
C
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾
Ö
RR [m]
Rotate data memory right
Description
The contents of the specified data memory are rotated 1 bit right with bit 0 rotated to bit 7.
Operation
[m].i
¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
[m].7
¬ [m].0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RRA [m]
Rotate right and place result in the accumulator
Description
Data in the specified data memory is rotated 1 bit right with bit 0 rotated into bit 7, leaving
the rotated result in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC.(i)
¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
ACC.7
¬ [m].0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RRC [m]
Rotate data memory right through carry
Description
The contents of the specified data memory and the carry flag are together rotated 1 bit
right. Bit 0 replaces the carry bit; the original carry flag is rotated into the bit 7 position.
Operation
[m].i
¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
[m].7
¬ C
C
¬ [m].0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾
Ö
HT46R23/HT46C23
Rev. 1.60
36
May 3, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com