Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CD Datasheet(PDF) 6 Page - ON Semiconductor

Part # TL072CD
Description  LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL072CD Datasheet(HTML) 6 Page - ON Semiconductor

  TL072CD Datasheet HTML 1Page - ON Semiconductor TL072CD Datasheet HTML 2Page - ON Semiconductor TL072CD Datasheet HTML 3Page - ON Semiconductor TL072CD Datasheet HTML 4Page - ON Semiconductor TL072CD Datasheet HTML 5Page - ON Semiconductor TL072CD Datasheet HTML 6Page - ON Semiconductor TL072CD Datasheet HTML 7Page - ON Semiconductor TL072CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL071C,AC TL072C,AC TL074C,AC
6
MOTOROLA ANALOG IC DEVICE DATA
Representative Schematic Diagram
(Each Amplifier)
–
+
Inputs
Q3
Q4
Q5
Q2
Q1
VCC
Q6
J1
J2
Q17
Q20
Q23
24
J3
2.0 k
Q14
Q15
10 pF
Q19
Q21
Q22
Q24
Q9
Q8
Q7
Q25
Q12
Q10
Q13
Q11
Q16
Q18
1.5 k
VEE
Bias Circuitry
Common to All
Amplifiers
Offset
Null
(TL071
only)
Output
1.5 k
Figure 14. Audio Tone Control Amplifier
Figure 15. High Q Notch Filter
Turn–Over Frequency = 1.0 kHz
Bass Boost/Cut —
±20 dB at 20 Hz
Treble Boost/Cut —
±19 dB at 20 kHz
Input
0.033
µF
10 k
VCC
TL071
VEE
Output
3.3 k
–
+
10 k
10 k
0.033
µF
68 k
0.033
µF
0.033
µF
100 k
Input
RR
C1
R1
C
C
TL071
+
–
100 k
fo +
1
2
pRC +
350 Hz
R
+ 2R1 + 1.5 M
C
+ C1
2
+ 300 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com