Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CD Datasheet(PDF) 2 Page - ON Semiconductor

Part # TL072CD
Description  LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL072CD Datasheet(HTML) 2 Page - ON Semiconductor

  TL072CD Datasheet HTML 1Page - ON Semiconductor TL072CD Datasheet HTML 2Page - ON Semiconductor TL072CD Datasheet HTML 3Page - ON Semiconductor TL072CD Datasheet HTML 4Page - ON Semiconductor TL072CD Datasheet HTML 5Page - ON Semiconductor TL072CD Datasheet HTML 6Page - ON Semiconductor TL072CD Datasheet HTML 7Page - ON Semiconductor TL072CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL071C,AC TL072C,AC TL074C,AC
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
18
V
VEE
–18
Differential Input Voltage
VID
±30
V
Input Voltage Range (Note 1)
VIDR
±15
V
Output Short Circuit Duration (Note 2)
tSC
Continuous
Power Dissipation
Plastic Package (N, P)
PD
680
mW
Derate above TA = 47°C
1.0/
θJA
10
mW/
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTES: 1. The magnitude of the input voltage must not exceed the magnitude of the supply voltage or
15 V, whichever is less.
2. The output may be shorted to ground or either supply. Temperature and/or supply voltages
must be limited to ensure that power dissipation ratings are not exceeded.
3. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VEE = –15 V, TA = Thigh to Tlow [Note 1])
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k, VCM = 0)
VIO
mV
TL071C, TL072C
–
–
13
TL074C
–
–
13
TL07_AC
–
–
7.5
Input Offset Current (VCM = 0) (Note 2)
IIO
nA
TL07_C
–
–
2.0
TL07_AC
–
–
2.0
Input Bias Current (VCM = 0) (Note 2)
IIB
nA
TL07_C
–
–
7.0
TL07_AC
–
–
7.0
Large–Signal Voltage Gain (VO = ±10 V, RL ≥ 2.0 k)
AVOL
V/mV
TL07_C
15
–
–
TL07_AC
25
–
–
Output Voltage Swing (Peak–to–Peak)
VO
V
(RL ≥ 10 k)
24
–
–
(RL ≥ 2.0 k)
20
–
–
NOTES: 1. Tlow =0°C for TL071C,AC
Thigh =70°C for TL071C,AC
0
°C for TL072C,AC
Thigh =70°C for TL072C,AC
0
°C for TL074C,AC
Thigh =70°C for TL074C,AC
2. Input Bias currents of JFET input op amps approximately double for every 10
°C rise in junction temperature as shown in Figure 3. To maintain
junction temperature as close to ambient temperature as possible, pulse techniques must be used during testing.
Figure 1. Unity Gain Voltage Follower
Figure 2. Inverting Gain of 10 Amplifier
–
+
Vin
RL = 2.0 k
VO
CL = 100 pF
–
+
Vin
RL
VO
CL = 100 pF
10 k
1.0 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com