Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS91 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 3 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CS91 Series
3
■ COMPILED CELLS
Compiled cells are macro cells which are automatically generated with the bit/word configuration specified. The
CS91 series has the following types of compiled cells. (Note that each macro is different in word/bit range
depending on the column type.)
1.
Clock synchronous single-port RAM (1 address : 1 RW)
2.
Clock synchronous dual-port RAM (2 addresses : 2 RW)
3.
Clock synchronous ROM
4.
High-capacity memory type of clock synchronous single port RAM (1 address : 1 RW)
Column type
Memory capacity
Word range
Bit range
Unit
4
32 to 128 K
16 to 1 K
2 to 128
bit
16
2176 to 288 K
1088 to 8 K
2 to 36
bit
Column type
Memory capacity
Word range
Bit range
Unit
4
32 to 288 K
16 to 2 K
2 to 144
bit
16
128 to 288 K
64 to 8 K
2 to 36
bit
Column type
Memory capacity
Word range
Bit range
Unit
16
256 to 1 M
128 to 8 K
2 to 128
bit
64
1024 to 1 M
512 to 32 K
2 to 32
bit
Column type
Memory capacity
Word range
Bit range
Unit
32
16 K to 4 M
8 K to 32 K
2 to 128
bit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com