Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS91 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 6 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CS91 Series
6
■ ELECTRICAL CHARACTERISTICS
• Single power supply : VDD
= 1.2 V
(VDD
= 1.2 V ± 0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
* :
The input leakage current may exceed the above value when the input buffer with pull-up/pull-down resistor is
used.
• Dual power supply : VDDE
= 3.3 V, VDDI = 1.2 V
(VDDE
= 3.3 V ± 0.3 V, VDDI = 1.2 V ± 0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
* :
The input leakage current may exceed the above value when the input buffer with pull-up/pull-down resistor is
used.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH
IOH
= −100 µAVDD − 0.2
⎯
VDD
V
“L” level output voltage
VOL
IOL
= 100 µA0
⎯
0.2
V
Input leakage current*
IL
⎯⎯
⎯
±10
µA
Pull-up/pull-down
resistance
RP
Pull-up : VIL
= 0
Pull-down : VIH
= VDD
⎯
12
⎯
k
Ω
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH4
IOH
= −100 µAVDDE − 0.2
⎯
VDDE
V
VOH2
IOH
= −100 µAVDDI − 0.2
⎯
VDDI
V
“L” level output voltage
VOL4
IOL
= 100 µA0
⎯
0.2
V
VOL2
IOL
= 100 µA0
⎯
0.2
V
Input leakage current*
IL
⎯⎯
⎯
±10
µA
Pull-up/pull-down
resistance
RP
3.3 V
Pull-up : VI
= 0
Pull-down : VI
= VDDE
15
33
70
k
Ω
1.2 V
Pull-up : VI
= 0
Pull-down : VI
= VDDI
⎯
12
⎯
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com