Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1112STR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1112STR Datasheet HTML 1Page - Semtech Corporation SC1112STR Datasheet HTML 2Page - Semtech Corporation SC1112STR Datasheet HTML 3Page - Semtech Corporation SC1112STR Datasheet HTML 4Page - Semtech Corporation SC1112STR Datasheet HTML 5Page - Semtech Corporation SC1112STR Datasheet HTML 6Page - Semtech Corporation SC1112STR Datasheet HTML 7Page - Semtech Corporation SC1112STR Datasheet HTML 8Page - Semtech Corporation SC1112STR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
PWRGD
DELAY=1.5V
DELAY
VTT
SHORT-CIRCUIT DURING NORMAL
OPERATION
Once VTT drops out of
regulation, VTTGATE turns on
harder to try and raise VTT.
When VTT drops below 1.08V,
the delay capacitor is
discharged and PWRGD goes
low. When VTT drops below
0.7V, the delay capacitor
begins charging.
If VTT is still below 0.7V when
DELAY reaches 1.5V,
VTTGATE is latched off.
VTTIN
VTT=0.7V
VTT=1.08V
VTTGATE
VTT=0.7V
PWRGD
VTT=1.08V
DELAY
SHORT-CIRCUIT AND RECOVERY
DURING NORMAL OPERATION
VTT
Once VTT drops out of
regulation, VTTGATE turns on
harder to try and raise VTT.
When VTT drops below 1.08V,
the delay capacitor is discharged
and PWRGD goes low. When
VTT drops below 0.7V, the delay
capacitor begins charging.
If VTT recovers above 0.7V
before DELAY reaches 1.5V,
DELAY is again discharged.
If VTT reaches 1.08V the delay
capacitor begins charging and
normal operation continues.
VTTIN
VTT=1.08V
VTTGATE
DELAY=1.5V
Timing Diagrams (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com