Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1112STR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1112STR Datasheet HTML 2Page - Semtech Corporation SC1112STR Datasheet HTML 3Page - Semtech Corporation SC1112STR Datasheet HTML 4Page - Semtech Corporation SC1112STR Datasheet HTML 5Page - Semtech Corporation SC1112STR Datasheet HTML 6Page - Semtech Corporation SC1112STR Datasheet HTML 7Page - Semtech Corporation SC1112STR Datasheet HTML 8Page - Semtech Corporation SC1112STR Datasheet HTML 9Page - Semtech Corporation SC1112STR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Pin Configuration
Ordering Information
Pin Descriptions
r
e
b
m
u
N
t
r
a
P
)
2
(
)
1
(
e
g
a
k
c
a
P
p
m
e
T
T
(
e
g
n
a
R
J)
R
T
S
2
1
1
1
C
S
6
1
-
O
SC
°
5
2
1
o
t
°
0
R
T
S
A
2
1
1
1
C
S
R
T
S
T
2
1
1
1
C
S
6
1
-
P
O
S
S
TC
°
5
2
1
o
t
°
0
R
T
S
T
A
2
1
1
1
C
S
B
V
E
2
1
1
1
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
Note:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) Part Number (SO-16): SC1112STR = 1.25V and
SC1112ASTR = 1.2V.
Part Number (TSSOP-16): SC1112TSTR = 1.25V and
SC1112ATSTR = 1.2V.
Top View
(16-Pin SOIC or TSSOP)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1Y
B
T
S
V
5
.
s
r
e
ll
o
r
t
n
o
c
T
E
F
d
n
a
r
o
t
a
ll
i
c
s
O
,
p
m
u
P
e
g
r
a
h
C
,
f
e
R
r
o
f
r
e
w
o
p
s
e
il
p
p
u
s
,
t
u
p
n
i
y
b
d
n
a
t
S
V
5
2D
G
R
W
P.
t
u
p
t
u
o
T
T
V
r
o
f
g
a
l
F
d
o
o
G
r
e
w
o
P
r
o
t
c
e
ll
o
c
n
e
p
O
3Y
A
L
E
D
T
T
V
f
o
g
a
l
F
d
o
o
G
r
e
w
o
P
e
h
t
r
o
f
y
a
l
e
d
e
h
t
m
a
r
g
o
r
p
ll
i
w
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
i
c
a
p
a
c
A
.
e
m
i
t
y
t
i
n
u
m
m
i
h
c
t
il
g
e
h
t
d
n
a
t
u
p
t
u
o
4L
E
S
T
T
V:
e
g
a
t
l
o
v
t
u
p
t
u
o
T
T
V
e
h
t
s
m
a
r
g
o
r
p
t
a
h
t
l
a
n
g
i
s
L
T
T
V
X
2
.
1
=
T
T
V
,
W
O
L
=
L
E
S
T
T
V
V
5
.
1
=
T
T
V
,
H
G
I
H
=
L
E
S
T
T
V
5L
E
S
P
G
A:
e
g
a
t
l
o
v
t
u
p
t
u
o
P
G
A
e
h
t
s
m
a
r
g
o
r
p
t
a
h
t
l
a
n
g
i
s
L
T
T
V
5
.
1
=
P
G
A
,
W
O
L
=
L
E
S
P
G
A
V
3
.
3
=
P
G
A
,
H
G
I
H
=
L
E
S
P
G
A
6E
T
A
G
J
D
A.
P
G
A
r
o
f
t
u
p
t
u
o
e
v
i
r
d
e
t
a
G
7N
E
S
J
D
A.
J
D
A
r
o
f
t
u
p
n
i
e
s
n
e
S
8-
P
A
C.
r
o
t
i
c
a
p
a
c
t
s
o
o
b
o
t
n
o
i
t
c
e
n
n
o
c
e
v
i
t
a
g
e
N
9+
P
A
C.
r
o
t
i
c
a
p
a
c
t
s
o
o
b
o
t
n
o
i
t
c
e
n
n
o
c
e
v
i
t
i
s
o
P
0
1C
F
.
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
p
m
u
p
e
g
r
a
h
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
r
o
t
i
c
a
p
a
c
r
e
t
l
i
F
1
1N
E
S
P
G
A.
P
G
A
r
o
f
t
u
p
n
i
e
s
n
e
S
2
1E
T
A
G
P
G
A.
P
G
A
r
o
f
t
u
p
t
u
o
e
v
i
r
d
e
t
a
G
3
1N
E
S
T
T
V.
T
T
V
r
o
f
t
u
p
n
i
e
s
n
e
S
4
1E
T
A
G
T
T
V.
T
T
V
r
o
f
t
u
p
t
u
o
e
v
i
r
d
e
t
a
G
5
1N
I
T
T
V.
n
i
V
3
.
3
e
h
t
o
t
d
e
t
c
e
n
n
o
c
e
n
il
e
s
n
e
s
t
i
u
c
r
i
c
t
r
o
h
S
6
1D
N
G.
d
n
u
o
r
G
NOTE: (1) All logic level inputs and outputs are open collector TTL compatible.
PWRGD
5VSTBY
DELAY
VTTSEL
AGPSEL
ADJGATE
ADJSEN
CAP+
GND
VTTIN
VTTGATE
AGPGATE
VTTSEN
AGPSEN
FC
CAP-
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com