Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6994-1/LTC6994-2
12
Rev. C
For more information www.analog.com
OPERATION
The LTC6994 is built around a master oscillator with a 1µs
minimum period. The oscillator is controlled by the SET
pin current (ISET) and voltage (VSET), with a 1µs/50kΩ
conversion factor that is accurate to ±1.7% under typical
conditions.
tMASTER =
1µs
50kΩ
•
VSET
ISET
A feedback loop maintains VSET at 1V ±30mV, leaving ISET
as the primary means of controlling the input-to-output
delay. The simplest way to generate ISET is to connect a
resistor (RSET) between SET and GND, such that ISET =
VSET/RSET. The master oscillator equation reduces to:
tMASTER = 1µs •
RSET
50kΩ
From this equation, it is clear that VSET drift will not affect
the input-to-output delay when using a single program
resistor (RSET). Error sources are limited to RSET toler-
ance and the inherent accuracy ∆tDELAY of the LTC6994.
RSET may range from 50k to 800k (equivalent to ISET
between 1.25µA and 20µA).
When the input makes a transition that will be delayed
(as determined by the part version and POL bit setting),
the master oscillator is enabled to time the delay. When
the desired duration is reached, the output is allowed to
transition.
The LTC6994 also includes a programmable frequency
divider which can further divide the frequency by 1, 8, 64,
512, 4096, 215, 218 or 221. This extends the delay duration
by those same factors. The divider ratio NDIV is set by a
resistor divider attached to the DIV pin.
tDELAY =
NDIV
50kΩ
•
VSET
ISET
• 1µs
With RSET in place of VSET/ISET the equation reduces to:
tDELAY =
NDIV •RSET
50kΩ
• 1µs
DIVCODE
TheDIVpinconnectstoaninternal,V+referenced4-bitA/D
converter that determines the DIVCODE value. DIVCODE
programs two settings on the LTC6994:
1. DIVCODE determines the frequency divider setting,
NDIV.
2. The DIVCODE MSB is the POL bit, and configures a
different polarity setting on the two versions.
a. LTC6994-1:POLselectsrisingorfalling-edgedelays.
POL = 0 will delay rising-edge transitions. POL = 1
will delay falling-edge transitions.
b. LTC6994-2: POL selects the output inversion.
POL = 1 inverts the output signal.
VDIV may be generated by a resistor divider between V+
and GND as shown in Figure 1.
699412 F01
LTC6994
V+
DIV
GND
R1
R2
2.25V TO 5.5V
Figure 1. Simple Technique for Setting DIVCODE
Table 1 offers recommended 1% resistor values that ac-
curately produce the correct voltage division as well as the
corresponding NDIVandPOLvaluesfortherecommended
resistor pairs. Other values may be used as long as:
1. The VDIV/V+ ratio is accurate to ±1.5% (including resis-
tor tolerances and temperature effects)
2. Thedrivingimpedance(R1||R2)doesnotexceed500kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com