Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC6994-1/LTC6994-2
17
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Basic Operation
The simplest and most accurate method to program the
LTC6994 is to use a single resistor, RSET, between the SET
and GND pins. The design procedure is a 3-step process.
Alternatively, Linear Technology offers the easy-to-use
TimerBlox Designer tool to quickly design any LTC6994
based circuit. Use the free TimerBlox LTC6994: Delay
Web-Based Design Tool.
Step 1: Select the LTC6994 Version and POL Bit
Setting.
Choose LTC6994-1 to delay one (rising or falling) input
transition. The POL bit then defines which edge is to be
delayed. POL = 0 delays rising edges. POL = 1 delays
falling edges.
Choose LTC6994-2 to delay rising and falling edges. Set
POL = 0 for normal operation, or POL = 1 to invert the
output.
Step 2: Select the NDIV Frequency Divider Value.
As explained earlier, the voltage on the DIV pin sets the
DIVCODE which determines both the POL bit and the
NDIV value. For a given delay time (tDELAY), NDIV should
be selected to be within the following range:
tDELAY
16µs
≤ NDIV ≤
tDELAY
1µs
(1)
To minimize supply current, choose the lowest NDIV value.
However,insomecasesahighervalueforNDIVwillprovide
better accuracy (see Electrical Characteristics).
Table 1 can also be used to select the appropriate NDIV
values for the desired tDELAY.
With POL already chosen, this completes the selection of
DIVCODE. Use Table 1 to select the proper resistor divider
or VDIV/V+ ratio to apply to the DIV pin.
Step 3: Calculate and Select RSET.
The final step is to calculate the correct value for RSET
using the following equation:
RSET =
50k
1µs
•
tDELAY
NDIV
(2)
Select the standard resistor value closest to the calculated
value.
Example: Design a circuit to delay falling edges by
tDELAY = 100µs with minimum power consumption.
Step 1: Select the LTC6994 Version and POL Bit
Setting.
To delay negative transitions, choose the LTC6994-1 with
POL = 1.
Step 2: Select the NDIV Frequency Divider Value.
Choose an NDIV value that meets the requirements of
Equation (1), using tDELAY = 100µs:
6.25 ≤ NDIV ≤ 100
Potential settings for NDIV include 8 and 64. NDIV = 8 is
the best choice, as it minimizes supply current by us-
ing a large RSET resistor. POL = 1 and NDIV = 8 requires
DIVCODE = 14. Using Table 1, choose R1 = 102k and R2
= 976k values to program DIVCODE = 14.
Step 3: Select RSET.
Calculate the correct value for RSET using Equation (2).
RSET =
50k
1µs
•
100µs
8
= 625k
Since 625k is not available as a standard 1% resistor,
substitute 619k if a –0.97% shift in tDELAY is acceptable.
Otherwise, select a parallel or series pair of resistors such
as 309k and 316k to attain a more precise resistance.
The completed design is shown in Figure 9.
Figure 9. 100µs Negative-Edge Delay
LTC6994-1
IN
GND
SET
OUT
V+
DIV
R1
102k
0.1µF
DIVCODE = 14
699412 F09
2.25V TO 5.5V
R2
976k
RSET
625k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com