Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6907 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6907
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 1 Page - Analog Devices

  LTC6907 Datasheet HTML 1Page - Analog Devices LTC6907 Datasheet HTML 2Page - Analog Devices LTC6907 Datasheet HTML 3Page - Analog Devices LTC6907 Datasheet HTML 4Page - Analog Devices LTC6907 Datasheet HTML 5Page - Analog Devices LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
TimerBlox:
Voltage-Controlled Pulse
Width Modulator (PWM)
The LTC®6992 is a silicon oscillator with an easy-to-use
analog voltage-controlled pulse width modulation (PWM)
capability. The LTC6992 is part of the TimerBlox® family
of versatile silicon timing devices.
A single resistor, RSET, programs the LTC6992’s inter-
nal master oscillator frequency. The output frequency
is determined by this master oscillator and an internal
frequency divider, NDIV, programmable to eight settings
from 1 to 16384.
fOUT =
1MHz
NDIV
•
50kΩ
RSET
, NDIV = 1,4,16 …16384
Applying a voltage between 0V and 1V on the MOD pin
sets the duty cycle.
The four versions differ in their minimum/maximum duty
cycle. Note that a minimum duty cycle limit of 0% or
maximum duty cycle limit of 100% allows oscillations to
stop at the extreme duty cycle settings.
DEVICE NAME
PWM DUTY CYCLE RANGE
LTC6992-1
0% to 100%
LTC6992-2
5% to 95%
LTC6992-3
0% to 95%
LTC6992-4
5% to 100%
For easy configuration of the LTC6992, use the TimerBlox
LTC6992: PWM Web-Based Design Tool.
n
Pulse Width Modulation (PWM) Controlled by
Simple 0V to 1V Analog Input
n
Four Available Options Define Duty Cycle Limits
n
Minimum Duty Cycle at 0% or 5%
n
Maximum Duty Cycle at 95% or 100%
n
Frequency Range: 3.81Hz to 1MHz
n
Configured with 1 to 3 Resistors
n
<1.7% Maximum Frequency Error
n
PWM Duty Cycle Error < 3.7% Maximum
n
Frequency Modulation (VCO) Capability
n
2.25V to 5.5V Single Supply Operation
n
115μA Supply Current at 100kHz
n
500μs Start-Up Time
n
CMOS Output Driver Sources/Sinks 20mA
n
–55°C to 125°C Operating Temperature Range
n
Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm × 3mm DFN
n
AEC-Q100 Qualified for Automotive Applications
FEATURES
APPLICATIONS
n
PWM Servo Loops
n
Heater Control
n
LED Dimming Control
n
High Vibration, High Acceleration Environments
n
Portable and Battery-Powered Equipment
6992 TA01a
LTC6992
MOD
GND
SET
OUT
V+
DIV
RSET
50k
3.3V
ANALOG PWM
DUTY CYCLE
CONTROL
(0V TO 1V)
C1
0.1µF
1MHz Pulse Width Modulator
MOD
0.5V/DIV
OUT
1V/DIV
2µs/DIV
6992 TA01b
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LTC6907

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6907 LINER-LTC6907 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
logo
Analog Devices
LTC6907 AD-LTC6907 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6907 AD-LTC6907 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results

Similar Description - LTC6907

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
June 1997
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Linear Technology
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com