Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS250DF230ZLSR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DS250DF230ZLSR
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS250DF230ZLSR Datasheet(HTML) 49 Page - Texas Instruments

Back Button DS250DF230ZLSR Datasheet HTML 45Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 46Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 47Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 48Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 49Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 50Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 51Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 52Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
49
DS250DF230
www.ti.com
SNLS590B – AUGUST 2018 – REVISED OCTOBER 2019
Product Folder Links: DS250DF230
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 10. Channel Registers, 0 to 39 (continued)
ADDRESS
(HEX)
BITS
DEFAULT
VALUE
(HEX)
MODE
EEPROM
FIELD NAME
DESCRIPTION
2E
7
0
RW
N
RESERVED
RESERVED
6
0
RW
N
RESERVED
RESERVED
5
0
R
N
EQ_BST3_BIT2_TO_EQ
Read-back of eq_BST3[2] driving the
EQ
4
0
RW
N
RESERVED
RESERVED
3
0
RW
N
RESERVED
RESERVED
2
0
RW
N
PRBS_PATTERN_SEL[2]
MSB for the PRBS_PATTERN_SEL
field. Lower bits are found on
Reg_0x30[1:0]. Refer to the Reg_0x30
description on this table.
1
0
RW
N
RESERVED
RESERVED
0
0
RW
N
RESERVED
RESERVED
2F
7
0
RW
Y
RESERVED
RESERVED
6
1
RW
Y
RATE[2]
Configure PPM register and divider for
a standard data rate.
(Refer to the Programming Guide for
more details)
5
0
RW
Y
RATE[1]
4
1
RW
Y
RATE[0]
3
0
RW
Y
INDEX_OV
If this bit is 1, then Reg_0x39 is to be
used as 4-bit index to the [15:0] array
of EQ settings. The EQ setting at that
index is loaded to the EQ boost
registers going to the analog and is
used as the starting point for adaption.
2
1
RW
Y
EN_PPM_CHECK
1: (Default) Enable the PPM to be
used as a qualifier when performing
Lock Detect
0: Remove the PPM check as a lock
qualifier.
1
0
RW
Y
RESERVED
DS250DF230:
1: Disable eq_bypass for first 4 indices
0: Enable eq_bypass for first 4 indices
0
0
RWSC
N
CTLE_ADAPT
1: Re-starts CTLE adaptation, self-
clearing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com