Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS250DF230ZLSR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS250DF230ZLSR
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS250DF230ZLSR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS250DF230ZLSR Datasheet HTML 9Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 10Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 11Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 12Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 13Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 14Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 15Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 16Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
13
DS250DF230
www.ti.com
SNLS590B – AUGUST 2018 – REVISED OCTOBER 2019
Product Folder Links: DS250DF230
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS DC SPECIFICATIONS
VIH
Input high-level voltage
2.5 V LVCMOS pins
1.75
VDD
V
3.3 V LVCMOS pin (READ_EN_N)
1.75
3.6
V
VIL
Input low-level voltage
2.5 V LVCMOS pins
GND
0.7
V
3.3 V LVCMOS pin (READ_EN_N)
GND
0.8
V
Vth
High-level(1) input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.98 x VDD
V
Float level input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.69 x VDD
V
10K to GND input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.25 x VDD
V
Low-level (0) input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.1
V
VOH
High-level output voltage
IOH = 4mA
2
V
VOL
Low-level output voltage
IOL = -4mA
0.4
V
IIH
Input high leakage current
Vinput = VDD, Open drain pins
70
uA
Input high leakage current
Vinput = VDD and CAL_CLK_IN pins
65
uA
Input high leakage current
Vinput = VDD, ADDR[1:0] and EN_SMB
pins
65
uA
Input high leakage current
Vinput = VDD, READ_EN_N
15
uA
IIL
Input low leakage current
Vinput = 0V, Open drain pins
–15
uA
Input low leakage current
Vinput = 0V, CAL_CLK_IN pins
–15
uA
Input low leakage current
Vinput = 0V, ADDR[1:0], READ_EN_N,
and EN_SMB pins
–115
uA
7.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SMBus ELECTRICAL CHARACTERISTICS (SLAVE MODE)
VIH
Input high-level voltage
1.8 V SMBUS Interface
SDA and SDC
1.35
3.6
V
VIH
Input high-level voltage
2.5 V/3.3 V SMBUS Interface
SDA and SDC
1.75
3.6
V
VIL
Input low-level voltage
SDA and SDC
GND
0.8
V
CIN
Input pin capacitance
2
pF
VOL
Low-level output voltage
SDA or SDC or INT, IOL = 1.25 mA
0.4
V
IIN
Input current
SDA or SDC, VINPUT = VIN, VDD, GND
–15
15
uA
TR
SDA rise time, read operation
Pull up resistor = 1 kΩ, Cb = 50pF
150
ns
TF
SDA fall time, read operation
Pull up resistor = 1 kΩ, Cb = 50pF
4.5
ns
RECOMMENDED SMBus SWITCHING CHARACTERISTICS (SLAVE MODE)
fSDC
SDC clock frequency
10
100
400
kHz
tHD_DAT
Data hold time
0.75
ns
tSU_DAT
Data setup time
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com