Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404814FS Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD404814FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814FS Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD404814FS Datasheet HTML 45Page - Renesas Technology Corp HD404814FS Datasheet HTML 46Page - Renesas Technology Corp HD404814FS Datasheet HTML 47Page - Renesas Technology Corp HD404814FS Datasheet HTML 48Page - Renesas Technology Corp HD404814FS Datasheet HTML 49Page - Renesas Technology Corp HD404814FS Datasheet HTML 50Page - Renesas Technology Corp HD404814FS Datasheet HTML 51Page - Renesas Technology Corp HD404814FS Datasheet HTML 52Page - Renesas Technology Corp HD404814FS Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
HD404818 Series
47
Timers
The MCU provides prescalers S and W (each with a different input clock source), and three timer/ counters
(timers A, B, and C). Figures 25, 26 and 27 show their diagrams.
Prescaler S: The input to prescaler S is the system clock signal. The prescaler is initialized to $000 by
MCU reset, and starts to count up with the system clock signal as soon as the RESET input goes low. The
prescaler keeps counting up except at MCU reset and in the stop and watch modes. The prescaler provides
input clock signals to timers A to C and the transmit clock of the serial interface. They can be selected by
timer mode registers A (TMA), B (TMB), C (TMC), and the serial mode register (SMR), respectively.
Prescaler W: The input to prescaler W is a clock which divides the X1 input clock by 8. The output of
prescaler W is available as an input clock for timer A by controlling timer mode register A (TMA).
Timer A Operation: After timer A is initialized to $00 by MCU reset, it counts up at every clock input
signal. When the next clock signal is applied after timer A has counted up to $FF, timer A is set to $00
again, and an overflow output is generated. This sets the timer A interrupt request flag (IFTA: $001, bit 2)
to 1. Therefore, timer A can function as an interval timer periodically generating overflow output at every
256th clock signal input (figure 25).
To use timer A as a watch time base, set TMA3 to 1. Timer counter A receives prescaler W output, and
timer A generates interrupts with accurate timing (reference clock = 32-kHz crystal oscil lator). When
using timer A as a watch time base, prescaler W and the timer counter can be initialized to $0 by setting
timer mode register A.
The clock input signals to timer A are selected by timer mode register A (TMA: $008).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com