Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404814FS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404814FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814FS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404814FS Datasheet HTML 1Page - Renesas Technology Corp HD404814FS Datasheet HTML 2Page - Renesas Technology Corp HD404814FS Datasheet HTML 3Page - Renesas Technology Corp HD404814FS Datasheet HTML 4Page - Renesas Technology Corp HD404814FS Datasheet HTML 5Page - Renesas Technology Corp HD404814FS Datasheet HTML 6Page - Renesas Technology Corp HD404814FS Datasheet HTML 7Page - Renesas Technology Corp HD404814FS Datasheet HTML 8Page - Renesas Technology Corp HD404814FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
HD404818 Series
4-Bit Single-Chip Microcomputer
Preliminary
Rev. 2.0
Sept. 1998
Description
The H D4 04 81 8 Seri es of 4-bit single-chip HMCS400 series microcomputers provide high program
productivity. It incorporates a large size memory, LCD controller/driver, voltage comparator, and 32-kHz
watch oscillator circuit.
The HD404818 Series has both standard voltage versions and low voltage versions available. The standard
voltage versions operate at 4.0 V to 6.0 V (mask ROM version) and 4.0 V to 5.5 V (PROM version), while
the low voltage versions operate at 2.7 V to 6.0 V (mask ROM) and 3.0 V to 5.5 V (PROM). Low voltage
versions include an L in their product name.
Standard voltage versions: HD404812, HD404814, HD404816, HD404818, HD4074818
Low voltage versions: HD40L4812, HD40L4814, HD40L4816, HD40L4818, HD407L4818
The HD4074818 and HD407L4818, containing
PROMs, are ZTAT
™ microcomputers which can
dramatically shorten system development time and smoothly proceed from debugging to mass production.
ZTAT
TM : Zero Turn Around Time ZTAT is a trademark of Hitachi Ltd.
Features
• 2048-word × 10-bit ROM (HD404812, HD40L4812)
• 4096-word × 10-bit ROM (HD404814, HD40L4814)
• 6144-word × 10-bit ROM (HD404816, HD40L4816)
• 8192-word × 10-bit ROM (HD404818, HD40L4818, HD4074818, HD407L4818)
• 1184-digit × 4-bit RAM
• 30 I/O pins, including 10 high-current output pins, all CMOS and programmable as I/O pull-up MOS
• LCD controller/driver (32 segments × 4 commons)
• Three timer/counters
• Clock-synchronous 8-bit serial interface
• Six interrupt sources
 Two by external sources
 Four by internal sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com