Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM908E621 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MM908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E621 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MM908E621 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 38Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 39Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 40Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 41Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 42Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
908E621
Functional Device Operation
Operational Modes
Half-Bridge Overvoltage/Undervoltage Protection
The half-bridge outputs are protected against
undervoltage and overvoltage conditions. This protection is
done by the low and high voltage interrupt circuitry. If one of
this flags (LVIF, HVIF) is set, the outputs are automatically
disabled if the VIS bit in the System Control Register
(SYSCTL) is cleared.
The overvoltage and undervoltage status flags are cleared
(and the outputs reenabled) by writing a “1” to the LVIF / HVIF
flags in the Interrupt Flag Register (IFR) or by a reset.
Clearing this flag has no effect as long as the high voltage or
low voltage condition is still present.
Half-Bridge Status and Control Register (HBSCTL)
CRM — Current Recirculation Mode bit
This read/write bit selects the recirculation mode during
PWM.
Reset clears the CRM bit.
1 = recirculation via switched on low-side MOSFET
0 = recirculation via low-side free wheeling diode
HBxOCF — Half Bridges Overcurrent Flag Bit
This read/write bit indicates that an overcurrent condition
on either the LS or the HS FET on HBx has occurred.
Clear HBxOCF and enable Half Bridge by writing a logic
[1] to HBxOCF. Writing a logic [0] to HBxOCF has no effect.
Reset clears the HBxOCF bit.
1 = overcurrent condition on HBx occurred
0 = no overcurrent condition on HBx
High-Side Drivers
The high-side outputs are low resistive high-side switches,
targeted for driving lamps. The high-sides are protected
against overtemperature, overcurrent and overvoltage/
undervoltage.
Figure 23. HS circuitry
HIGH-SIDE OPERATING MODES
The High-sides outputs are enabled if the PSON bit in the
System Control Register (SYSCTL) is set.
Each high-side output is permanently switched on, if the
HSxON bit in the High-Side Output Register (HSOUT) is set.
PWM control of the output is enabled, if the HSxPWM bit
High-Side Output Register (HSOUT) is set. In this operating
mode the high-side MOSFET is on, if the input PWM signal
(PWM terminal) is high.
The below table shows the behavior of the high-side
MOSFETs depending on the HSONx and PWMHSx bits.
Register Name and Address: HBSCTL - $03
Bit7
6
5
4
3
2
1
Bit0
Read
CRM
0
0
0
HB4
OCF
HB3
OCF
HB2
OCF
HB1
OCF
Write
Reset
0
0
0
0
0
0
0
0
VSUP
HSx
HS - Driver
charge pump
over-current protection
inrush current limiter
PWM
Control
on/off
Current
Limit
Status
PSON
HSxON
HSxPWM
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com